Electronic Components Datasheet Search
  English  ▼

X  

50960 Datasheet (PDF) - Belden Inc.

50960 Datasheet PDF - Belden Inc.
Part # 50960
Download  50960 Download
File Size   149.14 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 4 Conductor 2.5 mm², BC, Unshielded

50960 Datasheet (PDF)

Go To PDF Page Download Datasheet
50960 Datasheet PDF - Belden Inc.

Part # 50960
Download  50960 Click to download

File Size   149.14 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 4 Conductor 2.5 mm², BC, Unshielded

50960 Datasheet (HTML) - Belden Inc.


50960 Product details

Product Description
Security & Commercial Audio Cable, 4 core 2.5 mm² stranded bare copper conductors with PVC insulation, PVC jacket with ripcord




Similar Part No. - 50960

ManufacturerPart #DatasheetDescription
logo
Dow-Key Microwave Corpo...
5096 DOW-KEY-5096 Datasheet
384Kb / 1P
C-band Fan-Out
logo
Molex Electronics Ltd.
5096-02C MOLEX1-5096-02C Datasheet
108Kb / 3P
7.92mm (.312") Pitch SPOX??Header, Vertical, with Friction Lock, 2 Circuits
5096-02C MOLEX11-5096-02C Datasheet
38Kb / 2P
7.92mm Pitch SPOX??Header, Vertical, with Friction Lock, 2 Circuits
5096-03C MOLEX1-5096-03C Datasheet
108Kb / 3P
7.92mm (.312") Pitch SPOX??Header, Vertical, with Friction Lock, 3 Circuits
5096-03C MOLEX11-5096-03C Datasheet
39Kb / 2P
7.92mm Pitch SPOX??Header, Vertical, with Friction Lock, 3 Circuits
More results


Similar Description - 50960

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5000UE BELDEN-5000UE Datasheet
266Kb / 2P
Security & Sound, 2 Conductor 12 AWG, BC, Unshielded, CMR
5300UE BELDEN-5300UE Datasheet
268Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Unshielded, CMR
4102UE BELDEN-4102UE Datasheet
155Kb / 2P
Security & Sound, 4 Conductor 14 AWG BC, LSZH
12-16-2022
50957 BELDEN-50957 Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 1.5 mm², BC, Unshielded
04-08-2022
6302FC BELDEN-6302FC Datasheet
193Kb / 2P
Security & Sound, 4 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
6401UE BELDEN-6401UE Datasheet
171Kb / 2P
Security & Sound, 3 Conductor 20 AWG, BC, Unshielded, CMP
12-20-2022
50958 BELDEN-50958 Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 2.5 mm², BC, Unshielded
04-08-2022
50959 BELDEN-50959 Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 4 mm², BC, Unshielded
05-11-2022
5401UE BELDEN-5401UE Datasheet
169Kb / 2P
Security & Sound, 3 Conductor 20 AWG, BC, Unshielded, CMR
12-20-2022
50977 BELDEN-50977 Datasheet
139Kb / 2P
Speaker Cable, 2 Conductor 2.5 mm², BC, Unshielded
04-08-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com