Electronic Components Datasheet Search
  English  ▼

X  

50977 Datasheet (PDF) - Belden Inc.

50977 Datasheet PDF - Belden Inc.
Part # 50977
Download  50977 Download
File Size   139.04 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Speaker Cable, 2 Conductor 2.5 mm², BC, Unshielded

50977 Datasheet (PDF)

Go To PDF Page Download Datasheet
50977 Datasheet PDF - Belden Inc.

Part # 50977
Download  50977 Click to download

File Size   139.04 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Speaker Cable, 2 Conductor 2.5 mm², BC, Unshielded

50977 Datasheet (HTML) - Belden Inc.


50977 Product details

Product Description
Highly Flexible Speaker Cable, 2 core 2.5 mm² stranded bare copper conductors with TPE insulation, TPE jacket




Similar Part No. - 50977

ManufacturerPart #DatasheetDescription
logo
Sennheiser electronic S...
509770 SENNHEISER-509770 Datasheet
274Kb / 7P
evolution wireless G4
509770 SENNHEISER-509770 Datasheet
274Kb / 7P
evolution wireless G4
509771 SENNHEISER-509771 Datasheet
274Kb / 7P
evolution wireless G4
509771 SENNHEISER-509771 Datasheet
274Kb / 7P
evolution wireless G4
509772 SENNHEISER-509772 Datasheet
274Kb / 7P
evolution wireless G4
More results


Similar Description - 50977

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1861A BELDEN-1861A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CMP
12-19-2022
8808WB BELDEN-8808WB Datasheet
149Kb / 2P
Speaker Cable, 2 Conductor 8 AWG BC, Unshielded, Waterblocked
04-14-2023
8814 BELDEN-8814 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
04-14-2023
8818WB BELDEN-8818WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 18 AWG BC, Unshielded, Waterblocked
04-14-2023
9716 BELDEN-9716 Datasheet
145Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CM
12-19-2022
1860A BELDEN-1860A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CMP
12-19-2022
8649 BELDEN-8649 Datasheet
151Kb / 2P
Speaker Cable, 2 Conductor 20 AWG BC, Unshielded, CM
12-19-2022
50958 BELDEN-50958 Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 2.5 mm², BC, Unshielded
04-08-2022
8810WB BELDEN-8810WB Datasheet
146Kb / 2P
Speaker Cable, 2 Conductor 10 AWG BC, Unshielded, Waterblocked
04-14-2023
8816WB BELDEN-8816WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, Waterblocked
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com