Electronic Components Datasheet Search
  English  ▼

X  

50959 Datasheet (PDF) - Belden Inc.

50959 Datasheet PDF - Belden Inc.
Part # 50959
Download  50959 Download
File Size   149.13 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 4 mm², BC, Unshielded

50959 Datasheet (PDF)

Go To PDF Page Download Datasheet
50959 Datasheet PDF - Belden Inc.

Part # 50959
Download  50959 Click to download

File Size   149.13 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 4 mm², BC, Unshielded

50959 Datasheet (HTML) - Belden Inc.


50959 Product details

Product Description
Security & Commercial Audio Cable, 2 core 4 mm² stranded bare copper conductors with PVC insulation, PVC jacket with ripcord




Similar Part No. - 50959

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5095 ETC2-5095 Datasheet
162Kb / 1P
SMA FEMALE TO SMA FEMALE RADIUS RIGHT ANGLE ADAPTER
logo
ebm-papst
50950-2-4039 EBMPAPST-50950-2-4039 Datasheet
436Kb / 2P
METAL FINGER GUARDS
50951-2-4039 EBMPAPST-50951-2-4039 Datasheet
436Kb / 2P
METAL FINGER GUARDS
50952-2-4039 EBMPAPST-50952-2-4039 Datasheet
436Kb / 2P
METAL FINGER GUARDS
logo
Sennheiser electronic S...
509530 SENNHEISER-509530 Datasheet
227Kb / 4P
evolution wireless G4 SK 300 G4-RC | Bodypack Transmitter
More results


Similar Description - 50959

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5000UE BELDEN-5000UE Datasheet
266Kb / 2P
Security & Sound, 2 Conductor 12 AWG, BC, Unshielded, CMR
5300UE BELDEN-5300UE Datasheet
268Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Unshielded, CMR
50957 BELDEN-50957 Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 1.5 mm², BC, Unshielded
04-08-2022
6401UE BELDEN-6401UE Datasheet
171Kb / 2P
Security & Sound, 3 Conductor 20 AWG, BC, Unshielded, CMP
12-20-2022
25100UE BELDEN-25100UE Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, Armored
12-20-2022
50958 BELDEN-50958 Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 2.5 mm², BC, Unshielded
04-08-2022
4400UE BELDEN-4400UE Datasheet
176Kb / 2P
Security & Sound, 2 Conductor 20 AWG BC, LSZH
08-25-2023
5401UE BELDEN-5401UE Datasheet
169Kb / 2P
Security & Sound, 3 Conductor 20 AWG, BC, Unshielded, CMR
12-20-2022
50960 BELDEN-50960 Datasheet
149Kb / 2P
Security & Sound, 4 Conductor 2.5 mm², BC, Unshielded
04-08-2022
6500UE BELDEN-6500UE Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, CMP
05-01-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com