Electronic Components Datasheet Search
  English  ▼

X  

BQ25616 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
BQ25616 Datasheet PDF - Texas Instruments
Part # BQ25616
Download  BQ25616 Download
File Size   3768.69 Kbytes
Page   84 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BQ25620/BQ25622 I2C Controlled, 3.5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output

BQ25616 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25616 Datasheet PDF - Texas Instruments

Part # BQ25616
Download  BQ25616 Click to download

File Size   3768.69 Kbytes
Page   84 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BQ25620/BQ25622 I2C Controlled, 3.5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output

BQ25616 Datasheet (HTML) - Texas Instruments


BQ25616 Product details

1 Features
• High-efficiency, 1.5-MHz, synchronous switching
mode buck charger for single cell battery
– >90% efficiency down to 25-mA output current
from 5-V input
– Charge termination from 10 mA to 620 mA, 10-
mA steps
– Flexible JEITA profile for safe charging over
temperature
• BATFET control to support shutdown, ship mode
and full system reset
– 1.5-μA quiescent current in battery only mode
– 0.15-μA battery leakage current in ship mode
– 0.1-μA battery leakage current in shutdown
• Supports USB On-The-Go (OTG)
– Boost mode operation supporting 3.84-V to 9.6-
V output
– >90% boost efficiency down to 100-mA OTG
current for 5-V VBUS
• Supports a wide range of input sources
– 3.9-V to 18-V wide input operating voltage
range with 26-V absolute maximum input
voltage
– Maximizes source power with input voltage
regulation (VINDPM) and input current
regulation (IINDPM)
– VINDPM threshold automatically tracks battery
voltage
• Efficient battery operation with 15-mΩ BATFET
• Narrow VDC (NVDC) power path management
– System instant-on with depleted or no battery
– Battery supplement when adapter is fully
loaded
• Flexible autonomous or I2C-controlled modes
• Integrated 12-bit ADC for voltage, current,
temperature monitoring
• High accuracy
– ±0.5% charge voltage regulation
– ±5% charge current regulation
– ±5% input current regulation
• Safety
– Thermal regulation and thermal shutdown
– Input, system, battery overvoltage protection
– Battery, converter overcurrent protection
– Charging safety timer

3 Description
The BQ25620 and BQ25622 are highly-integrated
3.5-A switch-mode battery charge management and
system power path management devices for single
cell Li-Ion and Li-polymer batteries. The solution is
highly integrated with built-in current sensing, loop
compensation, input reverse-blocking FET (RBFET,
Q1), high-side switching FET (HSFET, Q2), lowside
switching FET (LSFET, Q3), and battery FET
(BATFET, Q4) between system and battery. The
devices use narrow VDC power path management,
regulating the system slightly above the battery
voltage without dropping below a configurable
minimum system voltage. The low impedance power
path optimizes switch-mode operation efficiency,
reduces battery charging time, extends battery life
during discharging phase, and the ultra-low 0.15-μA
ship mode current extends battery shelf life. The I2C
serial interface with charging and system settings
makes the BQ25620 and BQ25622 truly flexible
solutions.




Similar Part No. - BQ25616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25616 TI1-BQ25616 Datasheet
2Mb / 48P
BQ25616/616J Standalone 1-Cell 3.0-A Buck Battery Charger with Power Path and 1.2-A
BQ25616 TI-BQ25616 Datasheet
3Mb / 83P
BQ25620/BQ25622 I2C Controlled, 3.5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
SEPTEMBER 2022
BQ25616 TI2-BQ25616 Datasheet
3Mb / 46P
BQ25606 Standalone 1-Cell 3.0-A Buck Battery Charger
REVISED SEPTEMBER 2021
BQ25616J TI1-BQ25616J Datasheet
2Mb / 48P
BQ25616/616J Standalone 1-Cell 3.0-A Buck Battery Charger with Power Path and 1.2-A
BQ25616J TI2-BQ25616J Datasheet
3Mb / 46P
BQ25606 Standalone 1-Cell 3.0-A Buck Battery Charger
REVISED SEPTEMBER 2021
More results


Similar Description - BQ25616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25601 TI1-BQ25601 Datasheet
1Mb / 60P
I2C Controlled 3-A, Single-Cell Battery Charger for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ25620 TI-BQ25620 Datasheet
3Mb / 83P
BQ25620/BQ25622 I2C Controlled, 3.5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
SEPTEMBER 2022
BQ25628 TI-BQ25628 Datasheet
3Mb / 83P
BQ25628 / BQ25629 I2C Controlled, 2-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
DECEMBER 2022
BQ25622E TI1-BQ25622E Datasheet
2Mb / 76P
BQ25622E I2C Controlled 1-Cell, 3-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
BQ25628E TI1-BQ25628E Datasheet
2Mb / 75P
BQ25628E I2C Controlled 1-Cell, 2-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
logo
MPS Industries, Inc.
MP2733 MPSIND-MP2733 Datasheet
1Mb / 51P
Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
Rev. 1.1 5/18/2023
logo
Texas Instruments
BQ25638 TI-BQ25638 Datasheet
776Kb / 12P
BQ25638 I2C Controlled, 5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and USB OTG Boost Output
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com