Electronic Components Datasheet Search
  English  ▼

X  

BQ25616 Datasheet (PDF) - Texas Instruments

BQ25616 Datasheet PDF - Texas Instruments
Part # BQ25616
Download  BQ25616 Download
File Size   3484.95 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25606 Standalone 1-Cell 3.0-A Buck Battery Charger

BQ25616 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25616 Datasheet PDF - Texas Instruments

Part # BQ25616
Download  BQ25616 Click to download

File Size   3484.95 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25606 Standalone 1-Cell 3.0-A Buck Battery Charger

BQ25616 Datasheet (HTML) - Texas Instruments


BQ25616 Product details

1 Features
• High-efficiency, 1.5-MHz, synchronous switchmode
buck charger
– 92% charge efficiency at 2-A from 5-V input
– Optimized for USB voltage input (5 V)
• Supports USB On-The-Go (OTG)
– Boost converter with up to 1.2-A output
– 92% boost efficiency at 1-A output
– Accurate constant current (CC) limit
– Soft-start up to 500-μF capacitive load
– Output short circuit protection
• Single input to support USB input and high voltage
adapters
– Support 3.9-V to 13.5-V input voltage range
with 22-V absolute maximum input voltage
rating
– Maximum power tracking by input voltage limit
up to 4.6 V (VINDPM)
– VINDPM threshold automatically tracks battery
voltage
– Auto detect USB SDP, DCP and non-standard
adaptors
• High battery discharge efficiency with 19.5-mΩ
battery discharge MOSFET
• Narrow VDC (NVDC) power path management
– Instant-on works with no battery or deeply
discharged battery
– Ideal diode operation in battery supplement
mode
• High integration includes all MOSFETs, current
sensing and loop compensation
• 58-μA low battery leakage current with system
voltage standby
• High accuracy
– ±0.5% charge voltage regulation
– ±6% at 1.2-A and 1.8-A charge current
regulation
– ±5% at 0.5-A, 1.2-A and 1.8-A input current
regulation
• Safety-Related Certification:
– IEC 62368-1 CB Certification

2 Applications
• EPOS, Portable speakers
• Mobile phone accessory
• Medical equipment

3 Description
The BQ25606 is a highly-integrated standalone 3.0-
A switch-mode battery charge management and
system power path management device for single
cell Li-ion and Li-polymer batteries. The solution
is highly integrated with input reverse-blocking FET
(RBFET, Q1), high-side switching FET (HSFET, Q2),
low-side switching FET (LSFET, Q3), and battery
FET (BATFET, Q4) between system and battery. The
low impedance power path optimizes switch-mode
operation efficiency, reduces battery charging time,
and extends battery life during discharging phase.




Similar Part No. - BQ25616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25616 TI1-BQ25616 Datasheet
2Mb / 48P
BQ25616/616J Standalone 1-Cell 3.0-A Buck Battery Charger with Power Path and 1.2-A
BQ25616 TI-BQ25616 Datasheet
3Mb / 83P
BQ25620/BQ25622 I2C Controlled, 3.5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
SEPTEMBER 2022
BQ25616 TI-BQ25616 Datasheet
3Mb / 84P
BQ25620/BQ25622 I2C Controlled, 3.5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
REVISED OCTOBER 2022
BQ25616J TI1-BQ25616J Datasheet
2Mb / 48P
BQ25616/616J Standalone 1-Cell 3.0-A Buck Battery Charger with Power Path and 1.2-A
BQ25616JRTWR TI1-BQ25616JRTWR Datasheet
2Mb / 48P
BQ25616/616J Standalone 1-Cell 3.0-A Buck Battery Charger with Power Path and 1.2-A
More results


Similar Description - BQ25616

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB10803 UTC-UB10803 Datasheet
244Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
logo
Texas Instruments
BQ25606 TI1-BQ25606 Datasheet
1Mb / 43P
Standalone 3.0-A, Single Cell Battery Charger With 40V Over Voltage Protection Controller
BQ25616 TI1-BQ25616 Datasheet
2Mb / 48P
BQ25616/616J Standalone 1-Cell 3.0-A Buck Battery Charger with Power Path and 1.2-A
BQ25306 TI1-BQ25306 Datasheet
177Kb / 7P
BQ25306 Standalone 17-V, 3.0-A Single Cell and Dual Cell Buck Battery Charger
BQ25302 TI-BQ25302 Datasheet
2Mb / 38P
BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
BQ25306 TI-BQ25306_V01 Datasheet
260Kb / 10P
BQ25306 Standalone 17-V, 3.0-A Single Cell and Dual Cell Buck Battery Charger
BQ25300 TI-BQ25300 Datasheet
1Mb / 32P
BQ25300 Standalone 1-Cell, 17-V, 3.0-A Battery Charger
BQ25303J TI-BQ25303J Datasheet
1Mb / 32P
BQ25303J Standalone 1-Cell, 17-V, 3.0-A Battery Charger with JEITA Battery Temperature Monitoring
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com