Electronic Components Datasheet Search
  English  ▼

X  

BQ25638 Datasheet (PDF) - Texas Instruments

BQ25638 Datasheet PDF - Texas Instruments
Part # BQ25638
Download  BQ25638 Download
File Size   776.18 Kbytes
Page   12 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BQ25638 I2C Controlled, 5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and USB OTG Boost Output

BQ25638 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25638 Datasheet PDF - Texas Instruments

Part # BQ25638
Download  BQ25638 Click to download

File Size   776.18 Kbytes
Page   12 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BQ25638 I2C Controlled, 5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and USB OTG Boost Output

BQ25638 Datasheet (HTML) - Texas Instruments


BQ25638 Product details

1 Features
• High-efficiency 5-A, 1.5-MHz, synchronous switch
mode buck charger for single cell battery
– >90% efficiency down to 10-mA output current
from 5-V input
– Charge current up to 5 A in 80-mA steps
– Charge termination from 30 to 1000 mA in 10-
mA steps
– Flexible JEITA profile for safe charging over
temperature
• BATFET control to support shutdown and full
system reset
– 1.5-μA quiescent current in battery only mode
– 100-nA battery leakage current in shutdown
• Supports USB On-The-Go (OTG)
– Boost mode operation with 3.84-V to 9.6-V
output
– Programmable current limit up to 3.2 A
• Supports a wide range of input sources
– 3.9-V to 18-V wide input operating voltage
range with 26-V absolute maximum input
voltage
– VINDPM threshold automatically tracks battery
voltage
– Input Current Optimizer (ICO) to maximize input
power without overloading adapters
• Efficient battery operation with 7-mΩ BATFET
• Narrow VDC (NVDC) power path management
– System instant-on with depleted or no battery
– Battery supplement when adapter is fully
loaded
• Flexible autonomous or I2C-controlled modes
• Integrated 12-bit ADC for voltage, current, and
temperature monitoring
– ADCIN pin for external signal up-to 1 V
• High accuracy
– ±0.5% (TBD) charge voltage regulation
– ±5% charge current regulation
– ±5% input current regulation
• Safety
– Battery temperature sensing
– Thermal regulation and thermal shutdown
– Battery/converter overcurrent protection
– Charging safety timer

2 Applications
• Gaming and Computer Accessories
• Smart Phone, Tablet
• IP Camera, EPOS
• Portable Medical Equipment
• Consumer Wearables, Smartwatch
• Portable Speakers, TWS Earphone

3 Description
The BQ25638 is a highly-integrated 5-A switch-mode
battery charge management and system power path
management device for single cell Li-Ion and Lipolymer
batteries. The solution is highly integrated
with built-in current sensing, loop compensation,
input reverse-blocking FET (RBFET, Q1), high-side
switching FET (HSFET, Q2), low-side switching FET
(LSFET, Q3), and battery FET (BATFET, Q4) between
system and battery. It uses NVDC power path
management, regulating the system slightly above the
battery voltage without dropping below a configurable
minimum system voltage. The low impedance power
path optimizes switch-mode operation efficiency,
reduces battery charging time and extends battery life
during discharging phase. The I2C serial interface with
charging and system settings makes BQ25638 a truly
flexible solution.




Similar Part No. - BQ25638

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25630 TI1-BQ25630 Datasheet
723Kb / 11P
BQ25630 I2C Controlled Single Cell 5A Buck Charger with USB-C Detection
APRIL 2025
BQ25630 TI2-BQ25630 Datasheet
723Kb / 11P
BQ25630 I2C Controlled Single Cell 5A Buck Charger with USB-C Detection
APRIL 2025
BQ25630YBGR TI1-BQ25630YBGR Datasheet
723Kb / 11P
BQ25630 I2C Controlled Single Cell 5A Buck Charger with USB-C Detection
APRIL 2025
BQ25630YBGR TI2-BQ25630YBGR Datasheet
723Kb / 11P
BQ25630 I2C Controlled Single Cell 5A Buck Charger with USB-C Detection
APRIL 2025
More results


Similar Description - BQ25638

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ25620 TI-BQ25620 Datasheet
3Mb / 83P
BQ25620/BQ25622 I2C Controlled, 3.5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
SEPTEMBER 2022
BQ25620 TI-BQ25620_V01 Datasheet
3Mb / 84P
BQ25620/BQ25622 I2C Controlled, 3.5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
REVISED OCTOBER 2022
BQ25628 TI-BQ25628 Datasheet
3Mb / 83P
BQ25628 / BQ25629 I2C Controlled, 2-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
DECEMBER 2022
BQ25622E TI1-BQ25622E Datasheet
2Mb / 76P
BQ25622E I2C Controlled 1-Cell, 3-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
BQ25628E TI1-BQ25628E Datasheet
2Mb / 75P
BQ25628E I2C Controlled 1-Cell, 2-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
logo
MPS Industries, Inc.
MP2733 MPSIND-MP2733 Datasheet
1Mb / 51P
Wide Input Range, 4.5A,I2C-Controlled SW Charger with NVDC Power Path and USB OTG and Enhanced ADC
Rev. 1.1 5/18/2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com