Electronic Components Datasheet Search
  English  ▼

X  

NTE1853 Datasheet (PDF) - NTE Electronics

NTE1853 Datasheet PDF - NTE Electronics
Part # NTE1853
Download  NTE1853 Download
File Size   40.68 Kbytes
Page   6 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Digital Filter for Compact Disc Digital Audio System

NTE1853 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1853 Datasheet PDF - NTE Electronics

Part # NTE1853
Download  NTE1853 Click to download

File Size   40.68 Kbytes
Page   6 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Digital Filter for Compact Disc Digital Audio System

NTE1853 Datasheet (HTML) - NTE Electronics


NTE1853 Product details

Features:

• 16–Bit Serial Data Input (Two’s Complement)

• Interpolated Data Replaces Erroneous Data Samples

• –12dB Attenuation via the Active Low Attenuation Input Control (ATSB)

• Smoothed Trasitions Before and After Muting

• Two Identical Finite Impulse Response Transversal Filters each with a Sampling Rate of Four Times that of the Normal Digital Audio Data

• Digital Audio Output of 32–Bit Words Transmitted in Biphasemark Code



Applications:

• Compact Disc Digital Audio System

• Digital Filter



 




Similar Part No. - NTE1853

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE185 NTE-NTE185 Datasheet
22Kb / 2P
Silicon Complementary Transistors Audio Power Amp, Switch
NTE1850 NTE-NTE1850 Datasheet
28Kb / 3P
Integrated Circuit Dual 12W/Channel Audio Power Amplifier
NTE1851 NTE-NTE1851 Datasheet
32Kb / 4P
Integrated Circuit Audio Amplifier, 24W BTL
NTE1852 NTE-NTE1852 Datasheet
90Kb / 2P
Integrated Circuit 4W Audio Amplifier with DC Volume Control
NTE1854D NTE-NTE1854D Datasheet
27Kb / 3P
Integrated Circuit Dual Power Operational Amplifie
More results


Similar Description - NTE1853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7210 PHILIPS-SAA7210 Datasheet
331Kb / 22P
Decoder for compact disc digital audio system
September 1985
SAA7220 PHILIPS-SAA7220 Datasheet
247Kb / 20P
DIGITAL FILTER FOR COMPACT DISC DIGITAL AUDIO SYSTEM
September 1985
logo
Sanyo Semicon Device
LC7861KE SANYO-LC7861KE Datasheet
484Kb / 18P
Digital Signal Processor for Compact Disc Players
LC7867E SANYO-LC7867E Datasheet
454Kb / 20P
Digital Signal Processor for Compact Disc Players?
LC78681KE SANYO-LC78681KE Datasheet
588Kb / 23P
Digital Signal Processor for Compact Disc Players?
LC7868E SANYO-LC7868E Datasheet
538Kb / 22P
Digital Signal Processor for Compact Disc Players???
LC7868KE SANYO-LC7868KE Datasheet
584Kb / 23P
Digital Signal Processor for Compact Disc Players???
LC78681E SANYO-LC78681E Datasheet
262Kb / 23P
Digital Signal Processor for Compact Disc Players
LC7865E SANYO-LC7865E Datasheet
105Kb / 2P
Digital Signal Processor for Compact Disc Players
logo
NXP Semiconductors
SAA7341 PHILIPS-SAA7341 Datasheet
1,002Kb / 28P
COMS Digital decoding IC for Compact Disc
November 1991
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com