Electronic Components Datasheet Search
  English  ▼

X  

NTE1851 Datasheet (PDF) - NTE Electronics

NTE1851 Datasheet PDF - NTE Electronics
Part # NTE1851
Download  NTE1851 Download
File Size   32.93 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Audio Amplifier, 24W BTL

NTE1851 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1851 Datasheet PDF - NTE Electronics

Part # NTE1851
Download  NTE1851 Click to download

File Size   32.93 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Audio Amplifier, 24W BTL

NTE1851 Datasheet (HTML) - NTE Electronics


NTE1851 Product details

Description:

The NTE1851 is a monolithic integrated class–B amplifier in a 13–Lead Staggered SIP type package primarily developed for car radio applications, and also to drive low–impedance loads (down to 1.6Ω). At a supply voltage VCC = 14.4V, an output power of 21W can be delivered into a 4Ω BTL (Bridge–Tied Load), or, when used as a stereo amplifier, it delivers 2 x 11W into 2Ω or 2 x 6.5W into 4Ω.



Features:

• Flexibility In Use – Mono BTL as well as Stereo

• High Output Power

• Low Offset Voltage at the Output (Important for BTL)

• Large Usable Gain Variation

• Very Good Ripple Rejection

• Internal Limited Bandwidth for High Frequencies

• Low Standby Current Possiblity (1µA Typ), to Simplify Required Switches: TTL Drive Possible

• Low Number of Small–Sized External Components

• High Reliability

• Load Dump Protection

• AC and DC Short–Circuit Safe to Ground up to VCC = 18V

• Thermal Protection

• Speaker Protection in Bridge Configuration

• SOAR Protection

• Outputs Short–Circuit Safe to Ground in BTL

• Reverse–Polarity Safe



Applications:

• Car Radio Applications

• Drive Low Impedance Loads

• Stereo Amplifier



 




Similar Part No. - NTE1851

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE185 NTE-NTE185 Datasheet
22Kb / 2P
Silicon Complementary Transistors Audio Power Amp, Switch
NTE1850 NTE-NTE1850 Datasheet
28Kb / 3P
Integrated Circuit Dual 12W/Channel Audio Power Amplifier
NTE1852 NTE-NTE1852 Datasheet
90Kb / 2P
Integrated Circuit 4W Audio Amplifier with DC Volume Control
NTE1853 NTE-NTE1853 Datasheet
40Kb / 6P
Integrated Circuit Digital Filter for Compact Disc Digital Audio System
NTE1854D NTE-NTE1854D Datasheet
27Kb / 3P
Integrated Circuit Dual Power Operational Amplifie
More results


Similar Description - NTE1851

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1802 NTE-NTE1802 Datasheet
31Kb / 4P
Integrated Circuit Power Amplifier for Car Stereo Radio, 12W/Ch or 24W BTL
NTE1830 NTE-NTE1830 Datasheet
26Kb / 3P
Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)
NTE7051 NTE-NTE7051 Datasheet
20Kb / 2P
Integrated Circuit 1W BTL Mono Audio Amplifier
NTE7052 NTE-NTE7052 Datasheet
26Kb / 3P
Integrated Circuit Mono BTL Audio Amplifier, 3W
NTE7102 NTE-NTE7102 Datasheet
26Kb / 3P
Integrated Circuit Dual Audio Power Amplifier, 5.5W/Ch (20W BTL)
logo
KEC(Korea Electronics)
KIA6220H KEC-KIA6220H Datasheet
266Kb / 13P
BIPOLAR LINEAR INTEGRATED CIRCUIT (30W BTL DUAL AUDIO POWER AMPLIFIER)
KIA8225H KEC-KIA8225H Datasheet
274Kb / 9P
BIPOLAR LINEAR INTEGRATED CIRCUIT (45W BTL SINGLE AUDIO POWER AMPLIFIER)
logo
NTE Electronics
NTE7059 NTE-NTE7059 Datasheet
74Kb / 3P
Integrated Circuit Dual BTL 14W Audio Power Amplifier
NTE7113 NTE-NTE7113 Datasheet
82Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 14W BTL
NTE1832 NTE-NTE1832 Datasheet
84Kb / 4P
Integrated Circuit BTL Audio Power Amplifier, 12W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com