Electronic Components Datasheet Search
  English  ▼

X  

TSML1040 Datasheet (PDF) - Vishay Siliconix

TSML1040 Datasheet PDF - Vishay Siliconix
Part # TSML1040
Download  TSML1040 Download
File Size   365.79 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Extented Power IR Emitting Diode in SMD Package

TSML1040 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSML1040 Datasheet PDF - Vishay Siliconix

Part # TSML1040
Download  TSML1040 Click to download

File Size   365.79 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Extented Power IR Emitting Diode in SMD Package

TSML1040 Datasheet (HTML) - Vishay Siliconix


TSML1040 Product details

DESCRIPTION
TSML1000 is an infrared, 940 nm emitting diode in GaAlAs multi quantum well (MQW) technology with high radiant power and high speed molded in a clear, untinted plastic package (with lens) for surface mounting (SMD).

FEATURES
• Package type: surface mount
• Package form: GW, RGW, yoke, axial
• Dimensions (L x W x H in mm): 2.5 x 2 x 2.7
• Peak wavelength: λp = 940 nm
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 12°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Versatile terminal configurations
• Package matches with detector TEMT1000
• Floor life: 168 h, MSL 3, acc. J-STD-020
• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• For remote control
• Punched tape readers
• Encoder
• Photointerrupters




Similar Part No. - TSML1040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSML1040 VISHAY-TSML1040 Datasheet
353Kb / 10P
High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
08-Mar-05
TSML1040 VISHAY-TSML1040 Datasheet
241Kb / 9P
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
04-Sep-08
TSML1040 VISHAY-TSML1040 Datasheet
199Kb / 9P
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
30-Jun-11
TSML1040 VISHAY-TSML1040 Datasheet
198Kb / 9P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
13-Mar-14
TSML1040 VISHAY-TSML1040 Datasheet
196Kb / 9P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
13-Mar-14
More results


Similar Description - TSML1040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMF1000 VISHAY-TSMF1000 Datasheet
38Kb / 4P
High Speed IR Emitting Diode in ø SMD Package
31-Mar-00
TSML1000 VISHAY-TSML1000 Datasheet
39Kb / 4P
Extented Power IR Emitting Diode in SMD Package
08-Mar-05
TSSS2600 VISHAY-TSSS2600 Datasheet
98Kb / 5P
GaAs IR Emitting Diode in Side View Miniature Package
20-May-99
TSMF1020 VISHAY-TSMF1020 Datasheet
491Kb / 9P
High Speed IR Emitting Diode in SMD Package
21-May-03
VLMU60CL00-280-125 VISHAY-VLMU60CL00-280-125 Datasheet
277Kb / 6P
UVC Emitting Diode in SMD Package
23-Jan-18
VLMU35CM-280-120 VISHAY-VLMU35CM-280-120 Datasheet
276Kb / 7P
UVC Emitting Diode in SMD Package
13-May-2019
VLMU35CB21-275-120 VISHAY-VLMU35CB21-275-120 Datasheet
297Kb / 8P
UVC Emitting Diode in SMD Package
08-Jun-2021
VLMU35CL2.-275-120 VISHAY-VLMU35CL2.-275-120 Datasheet
244Kb / 8P
UVC Emitting Diode in SMD Package
09-Sep-2020
VLMU35CR41-275-120 VISHAY-VLMU35CR41-275-120 Datasheet
259Kb / 8P
UVC Emitting Diode in SMD Package
04-May-2022
VLMU35CT21-275-120 VISHAY-VLMU35CT21-275-120 Datasheet
262Kb / 8P
UVC Emitting Diode in SMD Package
08-Jun-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com