Electronic Components Datasheet Search
  English  ▼

X  

TSML1040 Datasheet (PDF) - Vishay Siliconix

TSML1040 Datasheet PDF - Vishay Siliconix
Part # TSML1040
Download  TSML1040 Download
File Size   196.83 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW

TSML1040 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSML1040 Datasheet PDF - Vishay Siliconix

Part # TSML1040
Download  TSML1040 Click to download

File Size   196.83 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW

TSML1040 Datasheet (HTML) - Vishay Siliconix


TSML1040 Product details

• Package type: surface mount
• Package form: GW, RGW, yoke, axial
• Dimensions (L x W x H in mm): 2.5 x 2 x 2.7
• Peak wavelength: λp = 940 nm
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 12°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Versatile terminal configurations
• Package matches with detector TEMT1000
• Floor life: 168 h, MSL 3, acc. J-STD-020




Similar Part No. - TSML1040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSML1040 VISHAY-TSML1040 Datasheet
353Kb / 10P
High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
08-Mar-05
TSML1040 VISHAY-TSML1040 Datasheet
241Kb / 9P
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
04-Sep-08
TSML1040 VISHAY-TSML1040 Datasheet
199Kb / 9P
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
30-Jun-11
TSML1040 VISHAY-TSML1040 Datasheet
365Kb / 9P
Extented Power IR Emitting Diode in SMD Package
21-May-03
TSML1040 VISHAY-TSML1040 Datasheet
198Kb / 9P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
13-Mar-14
More results


Similar Description - TSML1040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL4400 VISHAY-TSAL4400_16 Datasheet
114Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
03-Nov-16
TSAL6100UL VISHAY-TSAL6100UL Datasheet
116Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
16-Jun-16
TSAL6200 VISHAY-TSAL6200_14 Datasheet
110Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
13-Mar-14
TSML1000 VISHAY-TSML1000_14 Datasheet
198Kb / 9P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
13-Mar-14
VSML3710 VISHAY-VSML3710_14 Datasheet
139Kb / 7P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
22-Oct-14
TSAL6100 VISHAY-TSAL6100_V01 Datasheet
108Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
13-Mar-14
VSML3710 VISHAY-VSML3710_V01 Datasheet
138Kb / 7P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
22-Oct-14
VSML3710 VISHAY-VSML3710_V02 Datasheet
137Kb / 7P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
22-Oct-14
TSML1040 VISHAY-TSML1040_V02 Datasheet
164Kb / 9P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
17-Dec-2021
TSAL6200 VISHAY-TSAL6200_V02 Datasheet
108Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
13-Mar-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com