Electronic Components Datasheet Search
  English  ▼

X  

IDTQS3390 Datasheet (PDF) - Integrated Device Technology

IDTQS3390 Datasheet PDF - Integrated Device Technology
Part # IDTQS3390
Download  IDTQS3390 Download
File Size   42.53 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER

IDTQS3390 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTQS3390 Datasheet PDF - Integrated Device Technology

Part # IDTQS3390
Download  IDTQS3390 Click to download

File Size   42.53 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER

IDTQS3390 Datasheet (HTML) - Integrated Device Technology


IDTQS3390 Product details

DESCRIPTION:
The QS3390 provides a 16:8 multiplexer logic switch. The low ON resistance (5Ω) of the QS3390 allows inputs to be connected to the outputs without adding propagation delay and without generating additional ground bounce noise.
Mux/Demux devices provide an order of magnitude faster speed than equivalent logic devices.
The QS3390 is characterized for operation at -40°C to +85°C.

FEATURES:
• Enhanced N channel FET with no inherent diode to Vcc
• 16:8 multiplexer function with zero delay
• 5Ω bidirectional switches connect inputs to outputs
• Zero propagation delay, zero ground bounce
• Low power CMOS proprietary technology
• Undershoot clamp diodes on all switch and control inputs
• Direct bidirectional connection for mux, demux
• Available in SOIC and QSOP packages

APPLICATIONS:
• Video, audio, graphics switching, muxing
• Hot-swapping, hot-docking
• Voltage translation (5V to 3.3V)




Similar Part No. - IDTQS3390

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3390 IDT-IDTQS3390 Datasheet
82Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
logo
Renesas Technology Corp
IDTQS3390 RENESAS-IDTQS3390 Datasheet
250Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
OCTOBER 2014
logo
Integrated Device Techn...
IDTQS3390 IDT-IDTQS3390_14 Datasheet
82Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
More results


Similar Description - IDTQS3390

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS32390 IDT-IDTQS32390 Datasheet
45Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
logo
List of Unclassifed Man...
QS32390 ETC1-QS32390 Datasheet
530Kb / 6P
High-Speed CMOS QuickSwitch 16:8 Multiplexer
logo
Integrated Device Techn...
QS32390QG IDT-QS32390QG Datasheet
221Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16 8 MULTIPLEXER
IDTQS3390 IDT-IDTQS3390_14 Datasheet
82Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
IDTQS32390 IDT-IDTQS32390_11 Datasheet
221Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
logo
Renesas Technology Corp
IDTQS3390 RENESAS-IDTQS3390 Datasheet
250Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
OCTOBER 2014
QS32390 RENESAS-QS32390 Datasheet
256Kb / 6P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
JUNE 2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com