Electronic Components Datasheet Search
  English  ▼

X  

IDTQS3245 Datasheet (PDF) - Integrated Device Technology

IDTQS3245 Datasheet PDF - Integrated Device Technology
Part # IDTQS3245
Download  IDTQS3245 Download
File Size   42.64 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH

IDTQS3245 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTQS3245 Datasheet PDF - Integrated Device Technology

Part # IDTQS3245
Download  IDTQS3245 Click to download

File Size   42.64 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH

IDTQS3245 Datasheet (HTML) - Integrated Device Technology


IDTQS3245 Product details

DESCRIPTION:

The QS3245 provides a set of eight high-speed CMOS TTL-compatible bus switches in a pinout compatible with 74FCT245, 74F245, 74ALS/AS/LS245 8-bit transceivers. The low ON resistance of the QS3245 allows

inputs to be connected to outputs without adding propagation delay and without generating additional ground bounce noise. The Output Enable (OE) signal turns the switches on similar to the OEsignal of the 74’245. QuickSwitch devices provide an order of magnitude faster speed than conventional logic devices.

The QS3245 is characterized for operation at -40°C to +85°C.



FEATURES:

• Enhanced N channel FET with no inherent diode to Vcc

• 5Ω bidirectional switches connect inputs to outputs

• Pin compatible with the 74F245, 74FCT245, and 74FCT245T

• Low power CMOS proprietary technology

• Zero propagation delay, zero ground bounce

• Undershoot clamp diodes on all switch and control inputs

• TTL-compatible control inputs

• Available in SOIC, QSOP, and TSSOP packages



APPLICATIONS:

• Hot-swapping, hot-docking

• Voltage translation (5V to 3.3V)

• Power conservation

• Capacitance reduction and isolation

• Logic replacement (data processing)

• Clock gating

• Bus switching and isolation




Similar Part No. - IDTQS3245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3245 IDT-IDTQS3245 Datasheet
218Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
logo
Renesas Technology Corp
IDTQS3245 RENESAS-IDTQS3245 Datasheet
251Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
NOVEMBER 2014
More results


Similar Description - IDTQS3245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32X245 IDT-IDTQS32X245 Datasheet
44Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS32X2245 IDT-IDTQS32X2245 Datasheet
52Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
QS3244QG8 IDT-QS3244QG8 Datasheet
218Kb / 5P
QUICKSWITCH짰 PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
QS3245QG IDT-QS3245QG Datasheet
218Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS32245 IDT-IDTQS32245_15 Datasheet
219Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
logo
Renesas Technology Corp
IDTQS3244 RENESAS-IDTQS3244 Datasheet
385Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
FEBRUARY 2011
IDTQS3245 RENESAS-IDTQS3245 Datasheet
251Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
NOVEMBER 2014
QS32245 RENESAS-QS32245 Datasheet
254Kb / 6P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
JUNE 2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com