Electronic Components Datasheet Search
  English  ▼

X  

LPS103-M Datasheet (PDF) - Artesyn Technologies

LPS103-M Datasheet PDF - Artesyn Technologies
Part # LPS103-M
Download  LPS103-M Download
File Size   678.46 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Total Power: 80 - 150 Watts

LPS103-M Datasheet (PDF)

Go To PDF Page Download Datasheet
LPS103-M Datasheet PDF - Artesyn Technologies

Part # LPS103-M
Download  LPS103-M Click to download

File Size   678.46 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Total Power: 80 - 150 Watts

LPS103-M Datasheet (HTML) - Artesyn Technologies


LPS103-M Product details

SPECIAL FEATURES
■ Medical and ITE safety approvals, 2X MOPP
■ Active power factor correction
■ 2” x 4” footprint
■ Less than 1U high
■ EN61000-3-2 compliant
■ Remote sense
■ Power fail
■ Adjustable main output
■ Built-in Class B EMI filter
■ Overvoltage protection
■ Overload protection
■ Thermal overload protection
■ Isolated 12 V fan output
■ LPX100 Enclosure kit available
■ POE isolation on main output of LPS109-M




Similar Part No. - LPS103-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS103-M EMERSON-NETWORKPOWER-LPS103-M Datasheet
618Kb / 3P
Medical and ITE safeties
LPS103-M EMERSON-NETWORKPOWER-LPS103-M Datasheet
643Kb / 3P
150 Watts Medical and ITE safeties
LPS103-M EMERSON-NETWORKPOWER-LPS103-M Datasheet
419Kb / 3P
150 Watts
logo
Artesyn Technologies
LPS103-M ARTESYN-LPS103-M Datasheet
678Kb / 3P
EN61000-3-2 compliant
More results


Similar Description - LPS103-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
Total Power: 65 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
Total Power: 600 Watts
AGH150-48S05-6 ARTESYN-AGH150-48S05-6 Datasheet
1Mb / 3P
Total Power: 150 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
Total Power: 100 Watts
LPS61 ARTESYN-LPS61 Datasheet
585Kb / 3P
Total Power: 60 - 80 Watts
LPT101-M ARTESYN-LPT101-M Datasheet
664Kb / 4P
Total Power: 80 - 130 Watts
LPT62-M ARTESYN-LPT62-M Datasheet
839Kb / 3P
Total Power: 60 - 80 Watts
LPT61 ARTESYN-LPT61 Datasheet
745Kb / 3P
Total Power: 60 - 80 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com