Electronic Components Datasheet Search
  English  ▼

X  

LPS103-M Datasheet (PDF) - Emerson Network Power

LPS103-M Datasheet PDF - Emerson Network Power
Part # LPS103-M
Download  LPS103-M Download
File Size   618.84 Kbytes
Page   3 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description Medical and ITE safeties

LPS103-M Datasheet (PDF)

Go To PDF Page Download Datasheet
LPS103-M Datasheet PDF - Emerson Network Power

Part # LPS103-M
Download  LPS103-M Click to download

File Size   618.84 Kbytes
Page   3 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description Medical and ITE safeties

LPS103-M Datasheet (HTML) - Emerson Network Power


LPS103-M Product details

Special Features
• Medical and ITE safeties
• Active power factor correction
• 2” x 4” footprint
• Less than 1U high
• EN61000-3-2 compliant
• Remote sense
• Power fail
• Adjustable main output
• Built-in Class B EMI filter
• Overvoltage protection
• Overload protection
• Thermal overload protection
• Isolated12 V Fan output
• LPX50 Enclosure kit available




Similar Part No. - LPS103-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS103-M EMERSON-NETWORKPOWER-LPS103-M Datasheet
643Kb / 3P
150 Watts Medical and ITE safeties
LPS103-M EMERSON-NETWORKPOWER-LPS103-M Datasheet
419Kb / 3P
150 Watts
logo
Artesyn Technologies
LPS103-M ARTESYN-LPS103-M Datasheet
678Kb / 3P
Total Power: 80 - 150 Watts
LPS103-M ARTESYN-LPS103-M Datasheet
678Kb / 3P
EN61000-3-2 compliant
More results


Similar Description - LPS103-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DA12-M EMERSON-NETWORKPOWER-DA12-M Datasheet
692Kb / 4P
Medical and ITE Safeties
LPS200-M EMERSON-NETWORKPOWER-LPS200-M Datasheet
757Kb / 3P
Medical and ITE safeties
LPS200-M EMERSON-NETWORKPOWER-LPS200-M_09 Datasheet
791Kb / 3P
Medical and ITE safeties
DA12-M EMERSON-NETWORKPOWER-DA12-M_09 Datasheet
603Kb / 4P
Medical and ITE Safeties
LPS202-M EMERSON-NETWORKPOWER-LPS202-M Datasheet
517Kb / 3P
Medical and ITE safeties
LPS100-M EMERSON-NETWORKPOWER-LPS100-M_09 Datasheet
643Kb / 3P
150 Watts Medical and ITE safeties
LPS200-M_0907 EMERSON-NETWORKPOWER-LPS200-M_0907 Datasheet
517Kb / 3P
250 Watts Medical and ITE safeties
logo
Artesyn Technologies
DA12-M ARTESYN-DA12-M Datasheet
2Mb / 6P
Medical and ITE Safeties
DP40 ARTESYN-DP40 Datasheet
516Kb / 2P
Medical and ITE safeties
LPQ200-M ARTESYN-LPQ200-M Datasheet
1Mb / 3P
Medical and ITE safeties
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com