Electronic Components Datasheet Search
  English  ▼

X  

IRF151 Datasheet (PDF) - Inchange Semiconductor Company Limited

IRF151 Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRF151
Download  IRF151 Download
File Size   48.19 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Power,High Speed Applications

IRF151 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF151 Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRF151
Download  IRF151 Click to download

File Size   48.19 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Power,High Speed Applications

IRF151 Datasheet (HTML) - Inchange Semiconductor Company Limited


IRF151 Product details

DESCRIPTION
• Drain Current ID=40A@ TC=25℃
• Drain Source Voltage- : VDSS= 60V(Min)
• Static Drain-Source On-Resistance : RDS(on) =0.055Ω(Max)
• High Power,High Speed Applications

APPLICATIONS
• Switching power supplies
• UPS
• Motor controls
• High energy pulse circuits.




Similar Part No. - IRF151

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF151 SAMSUNG-IRF151 Datasheet
210Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF151 FAIRCHILD-IRF151 Datasheet
125Kb / 4P
N-Channel Power MOSFETs, 40 A, 60 V/100 V
logo
IXYS Corporation
IRF151 IXYS-IRF151 Datasheet
44Kb / 1P
HIGH VOLTAGE POWER MOSFET DIE
logo
Texas Instruments
IRF151 TI-IRF151 Datasheet
656Kb / 21P
DUAL MOSFET DRIVER
JULY 1986
logo
List of Unclassifed Man...
IRF151R ETC2-IRF151R Datasheet
208Kb / 5P
AVALANCHE ENERGY RATED N-CHANNEL POWER MOSFETS
More results


Similar Description - IRF151

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF130 ISC-IRF130 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF132 ISC-IRF132 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF133 ISC-IRF133 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF140 ISC-IRF140 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF141 ISC-IRF141 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF143 ISC-IRF143 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF230 ISC-IRF230 Datasheet
65Kb / 2P
High Power, High Speed Applications
IRF231 ISC-IRF231 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF232 ISC-IRF232 Datasheet
48Kb / 2P
High Power,High Speed Applications
IRF233 ISC-IRF233 Datasheet
48Kb / 2P
High Power,High Speed Applications
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com