Electronic Components Datasheet Search
  English  ▼

X  

IRF151 Datasheet (PDF) - Texas Instruments

IRF151 Datasheet PDF - Texas Instruments
Part # IRF151
Download  IRF151 Download
File Size   656.7 Kbytes
Page   21 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DUAL MOSFET DRIVER

IRF151 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF151 Datasheet PDF - Texas Instruments

Part # IRF151
Download  IRF151 Click to download

File Size   656.7 Kbytes
Page   21 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DUAL MOSFET DRIVER

IRF151 Datasheet (HTML) - Texas Instruments


IRF151 Product details

• Dual Circuits Capable of Driving
High-Capacitance Loads at High Speeds
• Output Supply Voltage Range up to 24 V
• Low Standby Power Dissipation

description
The SN75372 is a dual NAND gate interface
circuit designed to drive power MOSFETs from
TTL inputs. It provides high current and voltage
levels necessary to drive large capacitive loads at
high speeds. The device operates from a VCC1 of
5 V and a VCC2 of up to 24 V.
The SN75372 is characterized for operation from




Similar Part No. - IRF151

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF151 SAMSUNG-IRF151 Datasheet
210Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF151 FAIRCHILD-IRF151 Datasheet
125Kb / 4P
N-Channel Power MOSFETs, 40 A, 60 V/100 V
logo
IXYS Corporation
IRF151 IXYS-IRF151 Datasheet
44Kb / 1P
HIGH VOLTAGE POWER MOSFET DIE
logo
Inchange Semiconductor ...
IRF151 ISC-IRF151 Datasheet
48Kb / 2P
High Power,High Speed Applications
logo
List of Unclassifed Man...
IRF151R ETC2-IRF151R Datasheet
208Kb / 5P
AVALANCHE ENERGY RATED N-CHANNEL POWER MOSFETS
More results


Similar Description - IRF151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75372 TI-SN75372 Datasheet
164Kb / 11P
DUAL MOSFET DRIVER
logo
Analog Devices
ADP3414 AD-ADP3414 Datasheet
141Kb / 8P
Dual Bootstrapped MOSFET Driver
REV.0
logo
Maxim Integrated Produc...
ICL7667 MAXIM-ICL7667 Datasheet
143Kb / 4P
Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Analog Devices
ADP3416 AD-ADP3416 Datasheet
140Kb / 8P
Dual Bootstrapped MOSFET Driver
08/02-Data Sheet changed from REV. 0 to REV. A.
logo
Intersil Corporation
ICL7667 INTERSIL-ICL7667_06 Datasheet
195Kb / 8P
Dual Power MOSFET Driver
April 4, 2006
logo
Semikron International
SKHI21A SEMIKRON-SKHI21A Datasheet
40Kb / 1P
Hybrid Dual MOSFET Driver
logo
Clare, Inc.
FDA217 CLARE-FDA217 Datasheet
113Kb / 5P
Dual MOSFET Driver
logo
Texas Instruments
SN75372PSR TI1-SN75372PSR Datasheet
735Kb / 19P
DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ICL7667 RENESAS-ICL7667 Datasheet
567Kb / 11P
Dual Power MOSFET Driver
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
Dual MOSFET Driver
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com