Electronic Components Datasheet Search
  English  ▼

X  

ISL97683 Datasheet (PDF) - Intersil Corporation

ISL97683 Datasheet PDF - Intersil Corporation
Part # ISL97683
Download  ISL97683 Download
File Size   525.76 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Compact 2-3-4-Ch LED Drivers with Phase Shift Control

ISL97683 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97683 Datasheet PDF - Intersil Corporation

Part # ISL97683
Download  ISL97683 Click to download

File Size   525.76 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Compact 2-3-4-Ch LED Drivers with Phase Shift Control

ISL97683 Datasheet (HTML) - Intersil Corporation


ISL97683 Product details

The ISL97682, ISL97683, ISL97684 are Intersil’s highly
integrated 2-3-4-channels LED drivers that are suitable for
medium size TFT-LCD backlights. These parts can drive multiple
channels of LEDs from inputs as low as 4V to outputs of up to
45V. They can also operate from inputs as low as 3V to outputs of
up to 26.5V in bootstrap configuration (see Figure 26 for 3V
operation).
The ISL97682, ISL97683, ISL97684 feature optional channels
phase shift control. This feature is used to minimize the input,
output ripple characteristics and load transient, which help
eliminate or reduce the video and audio noise interference from
the backlight driver operation.
The ISL97682, ISL97683, ISL97684 offer 8-bit PWM dimming for
systems that need frequency tuning flexibility. With the unique
adaptive boost switching architecture, the ISL97682, ISL97683,
ISL97684 also offer Direct PWM dimming with output, which
follows input and achieves linearity as low as 0.009% at 200Hz
or 1.35% at 30kHz.
The drivers incorporate dynamic headroom control that monitors
the highest LED forward voltage string and uses its feedback signal
for the minimum output regulation. The ISL97682, ISL97683,
ISL97684 incorporates extensive fault protection functions including
string open and short circuit detections, OVP, and OTP. The switching
frequency can be selected at either 600kHz or 1.0MHz in PFM or
PWM mode. These parts are available in the thin and compact
16 Ld 3mmx3mm TQFN package and operate in ambient
temperature from -40°C to +85°C.

Features
• ISL97682 - 2 x 100mA Channels
• ISL97683 - 3 x 50mA Channels
• ISL97684 - 4 x 50mA Channels
• Input Voltage 4.0V~26.5V with Max VOUT of 45V
• Input Voltage 3.0V (see Figure 26)~24V with Max VOUT of 26.5V
• PWM Dimming Linearity
- PWM Dimming with Adjustable Dimming Frequency with
Duty Cycle Linear from 0.4% to 100% <30kHz
- Direct PWM Dimming with Duty Cycle Linear from 0.009%
to 100% at 200Hz
• Current Matching of 0.7% typical from 1%~100% Dimming
• Selectable 600kHz or 1MHz Switching Frequency in PWM/PFM
Mode
• Dynamic Headroom Control
• Fault Protection
- String Open/Short Circuit Protections, OVP, OTP
• Thin and Compact TQFN-16 3mmx3mm Package

Applications
• Tablet to Notebook PC Displays LED Backlighting
• PMP LED Backlighting




Similar Part No. - ISL97683

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97683 INTERSIL-ISL97683 Datasheet
592Kb / 17P
Compact 2-3-4-Ch LED Drivers with Phase Shift Control
March 11, 2011
logo
Renesas Technology Corp
ISL97683 RENESAS-ISL97683 Datasheet
841Kb / 18P
Compact 2-3-4-Ch LED Drivers with Phase Shift Control
logo
Intersil Corporation
ISL97683IRTZ INTERSIL-ISL97683IRTZ Datasheet
592Kb / 17P
Compact 2-3-4-Ch LED Drivers with Phase Shift Control
March 11, 2011
logo
Renesas Technology Corp
ISL97683IRTZ RENESAS-ISL97683IRTZ Datasheet
841Kb / 18P
Compact 2-3-4-Ch LED Drivers with Phase Shift Control
logo
Intersil Corporation
ISL97683IRTZ-EVAL INTERSIL-ISL97683IRTZ-EVAL Datasheet
592Kb / 17P
Compact 2-3-4-Ch LED Drivers with Phase Shift Control
March 11, 2011
More results


Similar Description - ISL97683

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
4-Channel LED Driver with Phase Shift Control
May 19, 2010
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
6-Channel LED Driver with Phase Shift Control
March 12, 2010
ISL97682 INTERSIL-ISL97682 Datasheet
592Kb / 17P
Compact 2-3-4-Ch LED Drivers with Phase Shift Control
March 11, 2011
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 15, 2011
ISL97687IRTZ-T INTERSIL-ISL97687IRTZ-T Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 27, 2012
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
4-Channel LED Driver with Phase Shift Control
ISL97682 RENESAS-ISL97682 Datasheet
841Kb / 18P
Compact 2-3-4-Ch LED Drivers with Phase Shift Control
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com