Electronic Components Datasheet Search
  English  ▼

X  

ISL97683IRTZ Datasheet (PDF) - Intersil Corporation

ISL97683IRTZ Datasheet PDF - Intersil Corporation
Part # ISL97683IRTZ
Download  ISL97683IRTZ Download
File Size   592.72 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Compact 2-3-4-Ch LED Drivers with Phase Shift Control

ISL97683IRTZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97683IRTZ Datasheet PDF - Intersil Corporation

Part # ISL97683IRTZ
Download  ISL97683IRTZ Click to download

File Size   592.72 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Compact 2-3-4-Ch LED Drivers with Phase Shift Control

ISL97683IRTZ Datasheet (HTML) - Intersil Corporation


ISL97683IRTZ Product details

Compact 2-3-4-Ch LED Drivers with Phase Shift Control



The ISL97682, ISL97683, ISL97684 are Intersil’s highly integrated 2-3-4-channels LED drivers that are suitable for medium size TFT-LCD backlights. These parts can drive multiple channels of LEDs from inputs as low as 4V to outputs of up to 45V. They can also operate from inputs as low as 3V to outputs of up to 26.5V in bootstrap configuration (see Figure 26 for 3V operation).



Features

• ISL97682 - 2 x 100mA Channels

• ISL97683 - 3 x 50mA Channels

• ISL97684 - 4 x 50mA Channels

• Input Voltage 4.0V~26.5V with Max VOUTof 45V

• Input Voltage 3.0V (see Figure 26)~24V with Max VOUT of 26.5V

• PWM Dimming Linearity

- PWM Dimming with Adjustable Dimming Frequency with Duty Cycle Linear from 0.4% to 100% <30kHz

- Direct PWM Dimming with DutyCycle Linear from 0.009% to 100% at 200Hz

• Current Matching of 0.7% typical from 1%~100% Dimming

• Selectable 600kHz or 1MHz Switching Frequency in PWM/PFM Mode

• Dynamic Headroom Control

•Fault Protection

-String Open/Short Circuit Protections, OVP, OTP

• Thin and Compact TQFN-16 3mmx3mm Package



Applications

• Tablet to Notebook PC Displays LED Backlighting

• PMP LED Backlighting




Similar Part No. - ISL97683IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97683IRTZ INTERSIL-ISL97683IRTZ Datasheet
525Kb / 17P
Compact 2-3-4-Ch LED Drivers with Phase Shift Control
May 16, 2012
logo
Renesas Technology Corp
ISL97683IRTZ RENESAS-ISL97683IRTZ Datasheet
841Kb / 18P
Compact 2-3-4-Ch LED Drivers with Phase Shift Control
logo
Intersil Corporation
ISL97683IRTZ-EVAL INTERSIL-ISL97683IRTZ-EVAL Datasheet
525Kb / 17P
Compact 2-3-4-Ch LED Drivers with Phase Shift Control
May 16, 2012
logo
Renesas Technology Corp
ISL97683IRTZEVAL RENESAS-ISL97683IRTZEVAL Datasheet
841Kb / 18P
Compact 2-3-4-Ch LED Drivers with Phase Shift Control
More results


Similar Description - ISL97683IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
4-Channel LED Driver with Phase Shift Control
May 19, 2010
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
6-Channel LED Driver with Phase Shift Control
March 12, 2010
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 15, 2011
ISL97687IRTZ-T INTERSIL-ISL97687IRTZ-T Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 27, 2012
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97682IRTZ INTERSIL-ISL97682IRTZ Datasheet
525Kb / 17P
Compact 2-3-4-Ch LED Drivers with Phase Shift Control
May 16, 2012
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
4-Channel LED Driver with Phase Shift Control
ISL97682 RENESAS-ISL97682 Datasheet
841Kb / 18P
Compact 2-3-4-Ch LED Drivers with Phase Shift Control
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com