Electronic Components Datasheet Search
  English  ▼

X  

AZ9481 Datasheet (PDF) - ZETTLER Electronics

AZ9481 Datasheet PDF - ZETTLER Electronics
Part # AZ9481
Download  AZ9481 Download
File Size   56.05 Kbytes
Page   3 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description 16 AMP LOW PROFILE POWER RELAY

AZ9481 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ9481 Datasheet PDF - ZETTLER Electronics

Part # AZ9481
Download  AZ9481 Click to download

File Size   56.05 Kbytes
Page   3 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description 16 AMP LOW PROFILE POWER RELAY

AZ9481 Datasheet (HTML) - ZETTLER Electronics


AZ9481 Product details

FEATURES
• High power switching (4000 VA)
• High sensitivity, 128 mW / 256 mW pickup
• Low profile (less than 11.4 mm height)
• SPST (1 Form A) and SPDT (1 Form C)
• UL Class F (155°C) standard
• Epoxy sealed version available
• DC coils up to 48 VDC
• UL file E43203
• TÜV certificate 50155384




Similar Part No. - AZ9481

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9481 AZETTLER-AZ9481 Datasheet
117Kb / 3P
16 AMP LOW PROFILE POWER RELAY
AZ9481-1A-12D AZETTLER-AZ9481-1A-12D Datasheet
117Kb / 3P
16 AMP LOW PROFILE POWER RELAY
AZ9481-1A-18D AZETTLER-AZ9481-1A-18D Datasheet
117Kb / 3P
16 AMP LOW PROFILE POWER RELAY
AZ9481-1A-24D AZETTLER-AZ9481-1A-24D Datasheet
117Kb / 3P
16 AMP LOW PROFILE POWER RELAY
AZ9481-1A-48D AZETTLER-AZ9481-1A-48D Datasheet
117Kb / 3P
16 AMP LOW PROFILE POWER RELAY
More results


Similar Description - AZ9481

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ948 ETC-AZ948 Datasheet
48Kb / 2P
16 AMP LOW PROFILE POWER RELAY
AZ936 ETC2-AZ936 Datasheet
42Kb / 2P
10 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ936 AZETTLER-AZ936 Datasheet
76Kb / 2P
10 AMP LOW PROFILE POWER RELAY
AZ944 AZETTLER-AZ944 Datasheet
76Kb / 2P
16 AMP LOW PROFILE POWER RELAY
AZ948 AZETTLER-AZ948 Datasheet
80Kb / 2P
16 AMP LOW PROFILE POWER RELAY
AZ9481 AZETTLER-AZ9481 Datasheet
117Kb / 3P
16 AMP LOW PROFILE POWER RELAY
AZ9481F AZETTLER-AZ9481F Datasheet
105Kb / 2P
16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ936 ZETTLER-AZ936 Datasheet
71Kb / 2P
10 AMP LOW PROFILE POWER RELAY
AZ944 ZETTLER-AZ944 Datasheet
103Kb / 2P
16 AMP LOW PROFILE POWER RELAY
AZ948 ZETTLER-AZ948 Datasheet
139Kb / 3P
16 AMP LOW PROFILE POWER RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com