Electronic Components Datasheet Search
  English  ▼

X  

AZ936 Datasheet (PDF) - List of Unclassifed Manufacturers

AZ936 Datasheet PDF - List of Unclassifed Manufacturers
Part # AZ936
Download  AZ936 Download
File Size   42.31 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 10 AMP LOW PROFILE POWER RELAY

AZ936 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ936 Datasheet PDF - List of Unclassifed Manufacturers

Part # AZ936
Download  AZ936 Click to download

File Size   42.31 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 10 AMP LOW PROFILE POWER RELAY

AZ936 Datasheet (HTML) - List of Unclassifed Manufacturers


AZ936 Product details

[Zettler]

FEATURES
• High power switching (2000 VA)
• High sensitivity, 190 mW pickup
• Low profile (less than .25" height)
• SPST (1 Form A)
• DC coils up to 100 VDC
• UL file E44211, CSA file 720514
• TÜV file BL991234205002




Similar Part No. - AZ936

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ936 AZETTLER-AZ936 Datasheet
76Kb / 2P
10 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ936 ZETTLER-AZ936 Datasheet
71Kb / 2P
10 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ936-1A-100D AZETTLER-AZ936-1A-100D Datasheet
76Kb / 2P
10 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ936-1A-100D ZETTLER-AZ936-1A-100D Datasheet
71Kb / 2P
10 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ936-1A-100DE AZETTLER-AZ936-1A-100DE Datasheet
76Kb / 2P
10 AMP LOW PROFILE POWER RELAY
More results


Similar Description - AZ936

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ948 ETC-AZ948 Datasheet
48Kb / 2P
16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ936 AZETTLER-AZ936 Datasheet
76Kb / 2P
10 AMP LOW PROFILE POWER RELAY
AZ944 AZETTLER-AZ944 Datasheet
76Kb / 2P
16 AMP LOW PROFILE POWER RELAY
AZ948 AZETTLER-AZ948 Datasheet
80Kb / 2P
16 AMP LOW PROFILE POWER RELAY
AZ9481 AZETTLER-AZ9481 Datasheet
117Kb / 3P
16 AMP LOW PROFILE POWER RELAY
AZ9481F AZETTLER-AZ9481F Datasheet
105Kb / 2P
16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ936 ZETTLER-AZ936 Datasheet
71Kb / 2P
10 AMP LOW PROFILE POWER RELAY
AZ944 ZETTLER-AZ944 Datasheet
103Kb / 2P
16 AMP LOW PROFILE POWER RELAY
AZ948 ZETTLER-AZ948 Datasheet
139Kb / 3P
16 AMP LOW PROFILE POWER RELAY
AZ9481 ZETTLER-AZ9481 Datasheet
56Kb / 3P
16 AMP LOW PROFILE POWER RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com