Electronic Components Datasheet Search
  English  ▼

X  

1032E Datasheet (PDF) - Lattice Semiconductor

1032E Datasheet PDF - Lattice Semiconductor
Part # 1032E
Download  1032E Download
File Size   164.7 Kbytes
Page   16 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description In-System Programmable High Density PLD

1032E Datasheet (PDF)

Go To PDF Page Download Datasheet
1032E Datasheet PDF - Lattice Semiconductor

Part # 1032E
Download  1032E Click to download

File Size   164.7 Kbytes
Page   16 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description In-System Programmable High Density PLD

1032E Datasheet (HTML) - Lattice Semiconductor


1032E Product details

Description
The ispLSI and pLSI 1032E are High Density Programmable Logic Devices containing 192 Registers, 64 Universal I/O pins, eight Dedicated Input pins, four Dedicated Clock Input pins and a Global Routing Pool (GRP). The GRP provides complete interconnectivity between all of these elements. The ispLSI 1032E features 5-Volt in-system programmability and in-system diagnostic capabilities. The ispLSI 1032E device offers non-volatile reprogrammability of the logic, as well as the interconnects to provide truly reconfigurable systems. It is architecturally and parametrically compatible to the pLSI 1032E device, but multiplexes four input pins to control in-system programming. A functional superset of the ispLSI and pLSI 1032 architecture, the ispLSI and pLSI 1032E devices add two new global output enable pins.

Features
• HIGH DENSITY PROGRAMMABLE LOGIC
   — 6000 PLD Gates
   — 64 I/O Pins, Eight Dedicated Inputs
   — 192 Registers
   — High Speed Global Interconnect
   — Wide Input Gating for Fast Counters, State Machines, Address Decoders, etc.
   — Small Logic Block Size for Random Logic
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
   — fmax = 125 MHz Maximum Operating Frequency
   — tpd = 7.5 ns Propagation Delay
   — TTL Compatible Inputs and Outputs
   — Electrically Erasable and Reprogrammable
   — Non-Volatile
   — 100% Tested at Time of Manufacture
   — Unused Product Term Shutdown Saves Power
• ispLSI OFFERS THE FOLLOWING ADDED FEATURES
   — In-System Programmable (ISP™) 5-Volt Only
   — Increased Manufacturing Yields, Reduced Time-to Market and Improved Product Quality
   — Reprogram Soldered Devices for Faster Prototyping
• OFFERS THE EASE OF USE AND FAST SYSTEM SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY OF FIELD PROGRAMMABLE GATE ARRAYS
   — Complete Programmable Device Can Combine Glue Logic and Structured Designs
   — Enhanced Pin Locking Capability
   — Four Dedicated Clock Input Pins
   — Synchronous and Asynchronous Clocks
   — Programmable Output Slew Rate Control to Minimize Switching Noise
   — Flexible Pin Placement
   — Optimized Global Routing Pool Provides Global Interconnectivity
• ispLSI DEVELOPMENT TOOLS
   ispVHDL™ Systems
   — VHDL/Verilog-HDL/Schematic Design Options
   — Functional/Timing/VHDL Simulation Options ispDS™ Software
   — Lattice HDL or Boolean Logic Entry
   — Functional Simulator and Waveform Viewer
   ispDS+™ HDL Synthesis-Optimized Logic Fitter
   — Supports Leading Third-Party Design Environments for Schematic Capture, Synthesis and Timing Simulation
   — Static Timing Analyzer
   ISP Daisy Chain Download Software




Similar Part No. - 1032E

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1032E-100LJ LATTICE-1032E-100LJ Datasheet
212Kb / 16P
High-Density Programmable Logic
1032E-100LT LATTICE-1032E-100LT Datasheet
212Kb / 16P
High-Density Programmable Logic
1032E-125LJ LATTICE-1032E-125LJ Datasheet
212Kb / 16P
High-Density Programmable Logic
1032E-125LT LATTICE-1032E-125LT Datasheet
212Kb / 16P
High-Density Programmable Logic
1032E-70LJ LATTICE-1032E-70LJ Datasheet
212Kb / 16P
High-Density Programmable Logic
More results


Similar Description - 1032E

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1024 LATTICE-1024 Datasheet
147Kb / 12P
In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
In-System Programmable High Density PLD
1048C LATTICE-1048C Datasheet
185Kb / 12P
In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
In-System Programmable High Density PLD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com