Electronic Components Datasheet Search
  English  ▼

X  

1048EA Datasheet (PDF) - Lattice Semiconductor

1048EA Datasheet PDF - Lattice Semiconductor
Part # 1048EA
Download  1048EA Download
File Size   182.29 Kbytes
Page   14 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description In-System Programmable High Density PLD

1048EA Datasheet (PDF)

Go To PDF Page Download Datasheet
1048EA Datasheet PDF - Lattice Semiconductor

Part # 1048EA
Download  1048EA Click to download

File Size   182.29 Kbytes
Page   14 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description In-System Programmable High Density PLD

1048EA Datasheet (HTML) - Lattice Semiconductor


1048EA Product details

Description
The ispLSI 1048EA is a High Density Programmable Logic Device containing 288 Registers, 96 Universal I/O pins, eight Dedicated Input pins, four Dedicated Clock Input pins, two dedicated Global OE input pins, and a Global Routing Pool (GRP).

Features
• HIGH DENSITY PROGRAMMABLE LOGIC
    — 8,000 PLD Gates
    — 96 I/O Pins, Eight Dedicated Inputs
    — 288 Registers
    — High-Speed Global Interconnects
    — Wide Input Gating for Fast Counters, State Machines, Address Decoders, etc.
    — Small Logic Block Size for Random Logic
    — Functionally Compatible with ispLSI 1048C and 1048E
• NEW FEATURES
    — 100% IEEE 1149.1 Boundary Scan Testable
    — ispJTAG™ In-System Programmable Via IEEE 1149.1 (JTAG) Test Access Port
    — User Selectable 3.3V or 5V I/O supports Mixed Voltage Systems (VCCIO Pin)
    — Open Drain Output Option
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
    — fmax = 170 MHz Maximum Operating Frequency
    — tpd = 5.0 ns Propagation Delay
    — TTL Compatible Inputs and Outputs
    — Electrically Eraseable and Reprogrammable
    — Non-Volatile
    — 100% Tested at Time of Manufacture
• IN-SYSTEM PROGRAMMABLE
    — Increased Manufacturing Yields, Reduced Time-toMarket and Improved Product Quality
    — Reprogram Soldered Devices for Faster Prototyping
• OFFERS THE EASE OF USE AND FAST SYSTEM SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY OF FIELD PROGRAMMABLE GATE ARRAYS
    — Complete Programmable Device Can Combine Glue Logic and Structured Designs
    — Enhanced Pin Locking Capability
    — Four Dedicated Clock Input Pins
    — Synchronous and Asynchronous Clocks
    — Programmable Output Slew Rate Control to Minimize Switching Noise
    — Flexible Pin Placement
    — Optimized Global Routing Pool Provides Global Interconnectivity
• ispDesignEXPERT™ – LOGIC COMPILER AND COMPLETE ISP DEVICE DESIGN SYSTEMS FROM HDL SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING
    — Superior Quality of Results
    — Tightly Integrated with Leading CAE Vendor Tools
    — Productivity Enhancing Timing Analyzer, Explore Tools, Timing Simulator and ispANALYZER™
    — PC and UNIX Platforms




Similar Part No. - 1048EA

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
1048 KEYSTONE-1048 Datasheet
247Kb / 1P
DUAL SM BATTERY HOLDER
8.19.10
logo
Adafruit Industries
1048 ADAFRUIT-1048 Datasheet
210Kb / 2P
1048
logo
Keystone Electronics Co...
1048 KEYSTONE-1048 Datasheet
306Kb / 1P
“18650” LITHIUM-ION BATTERY HOLDERS
31-07 20th
logo
Time Electronics Ltd.
1048 TIME-ELECTRONICS-1048 Datasheet
383Kb / 2P
1048 Voltage / Current / Loop Calibrator
07/22
logo
List of Unclassifed Man...
10480 ETC-10480 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
More results


Similar Description - 1048EA

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1024 LATTICE-1024 Datasheet
147Kb / 12P
In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
In-System Programmable High Density PLD
1048C LATTICE-1048C Datasheet
185Kb / 12P
In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
In-System Programmable High Density PLD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com