Electronic Components Datasheet Search
  English  ▼

X  

IDT72V02 Datasheet (PDF) - Integrated Device Technology

IDT72V02 Datasheet PDF - Integrated Device Technology
Part # IDT72V02
Download  IDT72V02 Download
File Size   133.62 Kbytes
Page   13 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9

IDT72V02 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72V02 Datasheet PDF - Integrated Device Technology

Part # IDT72V02
Download  IDT72V02 Click to download

File Size   133.62 Kbytes
Page   13 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9

IDT72V02 Datasheet (HTML) - Integrated Device Technology


IDT72V02 Product details

DESCRIPTION:
The IDT72V01/72V02/72V03/72V04/72V05/72V06 are dual-port FIFO memories that operate at a power supply voltage (Vcc) between 3.0V and 3.6V.

FEATURES:
• 3.3V family uses less power than the 5 Volt 7201/7202/7203/7204/
   7205/7206 family
• 512 x 9 organization (72V01)
• 1,024 x 9 organization (72V02)
• 2,048 x 9 organization (72V03)
• 4,096 X 9 organization (72V04)
• 8,192 x 9 organization (72V05)
• 16,384 X 9 organization (72V06)
• Functionally compatible with 720x family
• Low-power consumption
   — Active: 180 mW (max.)
   — Power-down: 18 mW (max.)
• 15 ns access time
• Asynchronous and simultaneous read and write
• Fully expandable by both word depth and/or bit width
• Status Flags: Empty, Half-Full, Full
• Auto-retransmit capability
• Available in 32-pin PLCC
• Industrial temperature range (–40°C to +85°C) is available
• Green parts available, see ordering information




Similar Part No. - IDT72V02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V02 IDT-IDT72V02 Datasheet
149Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V02 RENESAS-IDT72V02 Datasheet
288Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V02L15J IDT-IDT72V02L15J Datasheet
149Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V02L15JI IDT-IDT72V02L15JI Datasheet
149Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V02L25J IDT-IDT72V02L25J Datasheet
149Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results


Similar Description - IDT72V02

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com