Electronic Components Datasheet Search
  English  ▼

X  

IDT72V02 Datasheet (PDF) - Renesas Technology Corp

IDT72V02 Datasheet PDF - Renesas Technology Corp
Part # IDT72V02
Download  IDT72V02 Download
File Size   288.41 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS ASYNCHRONOUS FIFO

IDT72V02 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72V02 Datasheet PDF - Renesas Technology Corp

Part # IDT72V02
Download  IDT72V02 Click to download

File Size   288.41 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS ASYNCHRONOUS FIFO

IDT72V02 Datasheet (HTML) - Renesas Technology Corp


IDT72V02 Product details

FEATURES:
• 3.3V family uses less power than the 5 Volt 7201/7202/7203/7204/
7205/7206 family
• 512 x 9 organization (72V01)
• 1,024 x 9 organization (72V02)
• 2,048 x 9 organization (72V03)
• 4,096 X 9 organization (72V04)
• 8,192 x 9 organization (72V05)
• 16,384 X 9 organization (72V06)
• Functionally compatible with 720x family
• Low-power consumption
— Active: 180 mW (max.)
— Power-down: 18 mW (max.)
• 15 ns access time
• Asynchronous and simultaneous read and write
• Fully expandable by both word depth and/or bit width
• Status Flags: Empty, Half-Full, Full
• Auto-retransmit capability
• Available in 32-pin PLCC
• Industrial temperature range (–40°C to +85°C) is available
• Green parts available, see ordering information




Similar Part No. - IDT72V02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V02 IDT-IDT72V02 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V02 IDT-IDT72V02 Datasheet
149Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V02L15J IDT-IDT72V02L15J Datasheet
149Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V02L15JI IDT-IDT72V02L15JI Datasheet
149Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V02L25J IDT-IDT72V02L25J Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
More results


Similar Description - IDT72V02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
3.3 VOLT CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
3.3 VOLT CMOS SuperSync FIFO
IDT72V81 IDT-IDT72V81_06 Datasheet
140Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
3.3 VOLT CMOS SuperSync FIFO
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com