Electronic Components Datasheet Search
  English  ▼

X  

MB88141P Datasheet (PDF) - fujitsu semiconductor

MB88141P Datasheet PDF - fujitsu semiconductor
Part # MB88141P
Download  MB88141P Download
File Size   250.44 Kbytes
Page   20 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)

MB88141P Datasheet (PDF)

Go To PDF Page Download Datasheet
MB88141P Datasheet PDF - fujitsu semiconductor

Part # MB88141P
Download  MB88141P Click to download

File Size   250.44 Kbytes
Page   20 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)

MB88141P Datasheet (HTML) - fujitsu semiconductor


MB88141P Product details

■ DESCRIPTION

The FUJITSU MB88141 is a D/A converter with 12 built-in channels. The 12 analog output channels have built-in OP Amps, providing large current drive capability. Data input is compatible with I2C specifications, and is controlled by two control lines. The built-in I/O expander function allows the MB88141 to be controlled by devices incompatible with I2C bus specifications (provides conversion between I2C serial and 8- or 4-bit parallel I/O). Can be adapted for tuning by electronically variable or pre-fixed resistance, etc.



■ FEATURES

• Ultra-low power consumption (0.9 mW/channel Typ.)

• Ultra-compact package

• Built-in 12-channel R-2R type 8-bit D/A converter

• Built-in analog output amplifier (maximum sink current 1.0 mA, maximum source current 1.0 mA)

• Analog output range 0 V to VCC

• 5 V single power supply

• Power supply/GND for MCU interface and OP Amp is separate from power supply/GND for D/A converter

• Power supply for D/A converter is divided into two systems for VDD1/VSS1 (AO1 to AO4) and VDD2/VSS2 (AO5 to AO12), allowing separate level settings for each system

• Compatible with serial data input, I2C specifications

• Built-in I/O expander function (converts between I2C serial and 8- or 4-bit parallel)

• CMOS process

• Packages: DIP 24-pin, SOP 24-pin, SSOP 24-pin



 




Similar Part No. - MB88141P

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB88141A FUJITSU-MB88141A Datasheet
279Kb / 22P
D/A Converter for Digital Tuning (Compatible with I2C Bus)
MB88141AP FUJITSU-MB88141AP Datasheet
279Kb / 22P
D/A Converter for Digital Tuning (Compatible with I2C Bus)
MB88141APF FUJITSU-MB88141APF Datasheet
279Kb / 22P
D/A Converter for Digital Tuning (Compatible with I2C Bus)
MB88141APFV FUJITSU-MB88141APFV Datasheet
279Kb / 22P
D/A Converter for Digital Tuning (Compatible with I2C Bus)
More results


Similar Description - MB88141P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62376GP MITSUBISHI-M62376GP Datasheet
89Kb / 8P
8-BIT 12CH D-A CONVERTER IC BUILT-IN 12-BIT I/O EXPANDER
logo
Sanyo Semicon Device
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
Digital Audio D/A Converter with Built-in Digital Filters
logo
fujitsu semiconductor
MB40D001 FUJITSU-MB40D001 Datasheet
214Kb / 17P
D/A Converter for Digital Tuning
MB88146A FUJITSU-MB88146A Datasheet
274Kb / 20P
D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp., low-voltage)
MB88345 FUJITSU-MB88345 Datasheet
142Kb / 14P
D/A Converter for Digital Tuning (24-channel, 8-bit, on-chip OP amp)
MB88346L FUJITSU-MB88346L Datasheet
207Kb / 17P
D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
logo
Fuji Electric
E413511 FUJI-E413511 Datasheet
178Kb / 18P
D/A Converter for Digital Tuning
logo
fujitsu semiconductor
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
MB88346L FUJITSU-MB88346L_06 Datasheet
193Kb / 20P
D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
logo
Renesas Technology Corp
M62376GP RENESAS-M62376GP Datasheet
150Kb / 11P
8-bit 12ch D/A Converter IC Built-in 12-bit I/O Expander
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com