Electronic Components Datasheet Search
  English  ▼

X  

E413511 Datasheet (PDF) - Fuji Electric

E413511 Datasheet PDF - Fuji Electric
Part # E413511
Download  E413511 Download
File Size   178.83 Kbytes
Page   18 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description D/A Converter for Digital Tuning

E413511 Datasheet (PDF)

Go To PDF Page Download Datasheet
E413511 Datasheet PDF - Fuji Electric

Part # E413511
Download  E413511 Click to download

File Size   178.83 Kbytes
Page   18 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description D/A Converter for Digital Tuning

E413511 Datasheet (HTML) - Fuji Electric


E413511 Product details

■ DESCRIPITON

The Fujitsu MB88346L is an 8-bit D/A converter capable of low-voltage operation, and designed with a built-in amp on each of its 12 analog output lines for large-current drive capability.

The use of serial data input means that only three control lines are required, and enables cascade connection of multiple MB88346L chips.

The MB88346L is suitable for applications such as electronic volume controls and replacement of semi-fixed resistors in tuning systems.

In addition, the MB88346L is both function-compatible and pin-compatible with the MB88346B now in use, allowing easy substitution of the MB88346L for reduced supply voltage.



■ FEATURES

• Low voltage operation (VCC/VDD: 2.7 to 3.6 V)

• Ultra-low power consumption (0.5 mW/ch at VCC = 3 V)

• Ultra-compact space-saving package lineup (SSOP-20)

• Contains 12-channel R-2R type 8-bit D/A converter

• On-chip analog output amps (sink current max. 1.0 mA, source current max. 1.0 mA)

• Analog output range from 0 to VCC

• Two separate power supply/ground lines for MCU interface block/operational amplifier output buffer block and D/A converter block

• Serial data input, maximum operating speed 2.5 MHz

• (maximum operating speed in cascade connection is 1.5 MHz)

• CMOS process

• Package lineup includes DIP 20-pin, SOP 20-pin, SSOP 20-pin.



 




Similar Part No. - E413511

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E41 GILWAY-E41 Datasheet
1,012Kb / 8P
Engineering Catalog 169
logo
Ferroxcube Internationa...
E41-3C81 FERROXCUBE-E41-3C81 Datasheet
59Kb / 6P
E cores and accessories
E41-3C81-A315 FERROXCUBE-E41-3C81-A315 Datasheet
59Kb / 6P
E cores and accessories
E41-3C81-A400 FERROXCUBE-E41-3C81-A400 Datasheet
59Kb / 6P
E cores and accessories
E41-3C81-A630 FERROXCUBE-E41-3C81-A630 Datasheet
59Kb / 6P
E cores and accessories
More results


Similar Description - E413511

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
D/A Converter for Digital Audio
logo
Panasonic Semiconductor
MN35502 PANASONIC-MN35502 Datasheet
67Kb / 8P
D/A Converter for Digital Audio Equipment
MN35503 PANASONIC-MN35503 Datasheet
71Kb / 9P
D/A Converter for Digital Audio Equipment
MN6460A PANASONIC-MN6460A Datasheet
64Kb / 6P
A/D Converter for Digital Audio Equipment
MN6475A PANASONIC-MN6475A Datasheet
50Kb / 6P
D/A Converter for Digital Audio Equipment
logo
fujitsu semiconductor
MB40D001 FUJITSU-MB40D001 Datasheet
214Kb / 17P
D/A Converter for Digital Tuning
MB88141A FUJITSU-MB88141A Datasheet
279Kb / 22P
D/A Converter for Digital Tuning (Compatible with I2C Bus)
MB88345 FUJITSU-MB88345 Datasheet
142Kb / 14P
D/A Converter for Digital Tuning (24-channel, 8-bit, on-chip OP amp)
logo
Nippon Precision Circui...
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
D/A Converter for Digital Audio
logo
fujitsu semiconductor
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com