Electronic Components Datasheet Search
  English  ▼

X  

MAX9742 Datasheet (PDF) - Maxim Integrated Products

MAX9742 Datasheet PDF - Maxim Integrated Products
Part # MAX9742
Download  MAX9742 Download
File Size   766.91 Kbytes
Page   36 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-/Dual-Supply, Stereo 16W, Class D Amplifier with Differential Inputs

MAX9742 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9742 Datasheet PDF - Maxim Integrated Products

Part # MAX9742
Download  MAX9742 Click to download

File Size   766.91 Kbytes
Page   36 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-/Dual-Supply, Stereo 16W, Class D Amplifier with Differential Inputs

MAX9742 Datasheet (HTML) - Maxim Integrated Products


MAX9742 Product details

General Description
The MAX9742 stereo Class D audio power amplifier delivers up to 2 x 16W into 4Ω loads. The MAX9742 features high-power efficiency (92% with 8Ω loads), eliminating the need for a bulky heatsink and conserving power. The MAX9742 operates from a 20V to 40V single supply or a ±10V to ±20V dual supply. Features include fully differential inputs, comprehensive clickand-pop suppression, low-power shutdown mode, and an externally adjustable gain. Short-circuit and thermal overload protection prevent the device from being damaged during a fault condition.

Features
♦ 2 x 16W Output Power (RL = 4Ω, THD+N = 10%)
♦ High Efficiency: Up to 92% with RL = 8Ω
♦ Mute and Shutdown Modes
♦ Differential Inputs Suppress Common-Mode Noise
♦ Adjustable Gain
♦ Integrated Click-and-Pop Suppression
♦ Low 0.06% THD+N at 3.5W, RL = 8Ω
♦ Output Short-Circuit and Thermal Protection
♦ Available in Space-Saving, 6mm x 6mm, 36-Pin TQFN Package

Applications
    CRT TVs
    Flat-Panel Display TVs
    Audio Docking Stations
    Multimedia Monitors




Similar Part No. - MAX9742

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX9742 AD-MAX9742 Datasheet
766Kb / 36P
Single-/Dual-Supply, Stereo 16W, Class D Amplifier with Differential Inputs
Rev 0 1/07
MAX9742ETX+ AD-MAX9742ETX+ Datasheet
766Kb / 36P
Single-/Dual-Supply, Stereo 16W, Class D Amplifier with Differential Inputs
Rev 0 1/07
More results


Similar Description - MAX9742

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0030 MPS-EV0030 Datasheet
519Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
20W Stereo Class D Single Ended Audio Amplifier
logo
Maxim Integrated Produc...
MAX98306_1108 MAXIM-MAX98306_1108 Datasheet
2Mb / 14P
Stereo 3.7W Class D Amplifier
Rev 1; 8/11
logo
Power Analog Micoelectr...
PAM8615 PAM-PAM8615 Datasheet
438Kb / 13P
16W/32W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
logo
Monolithic Power System...
MP7748 MPS-MP7748 Datasheet
823Kb / 19P
2x20W Stereo Single Ended Class D Audio Amplifier
EV7740DN-01B MPS-EV7740DN-01B Datasheet
279Kb / 5P
15W Stereo Class D Single Ended Audio Amplifier
logo
Diodes Incorporated
PAM8615 DIODES-PAM8615 Datasheet
534Kb / 14P
16W/ 32W STEREO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
TECHCODE SEMICONDUCTOR,...
TD9772A TECHCODE-TD9772A Datasheet
787Kb / 12P
4 Inputs Selectable Stereo Class-AB Audio Amplifier
logo
Princeton Technology Co...
PT2812 PTC-PT2812 Datasheet
210Kb / 5P
3W Stereo Class-D Amplifier with 3 Inputs and Volume
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com