Electronic Components Datasheet Search
  English  ▼

X  

MAX9742 Datasheet (PDF) - Analog Devices

MAX9742 Datasheet PDF - Analog Devices
Part # MAX9742
Download  MAX9742 Download
File Size   766.56 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-/Dual-Supply, Stereo 16W, Class D Amplifier with Differential Inputs

MAX9742 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9742 Datasheet PDF - Analog Devices

Part # MAX9742
Download  MAX9742 Click to download

File Size   766.56 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-/Dual-Supply, Stereo 16W, Class D Amplifier with Differential Inputs

MAX9742 Datasheet (HTML) - Analog Devices


MAX9742 Product details

Features
 2 x 16W Output Power (RL = 4Ω, THD+N = 10%)
 High Efficiency: Up to 92% with RL = 8Ω
 Mute and Shutdown Modes
 Differential Inputs Suppress Common-Mode Noise
 Adjustable Gain
 Integrated Click-and-Pop Suppression
 Low 0.06% THD+N at 3.5W, RL = 8Ω
 Output Short-Circuit and Thermal Protection
 Available in Space-Saving, 6mm x 6mm, 36-Pin
TQFN Package




Similar Part No. - MAX9742

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9742 MAXIM-MAX9742 Datasheet
766Kb / 36P
Single-/Dual-Supply, Stereo 16W, Class D Amplifier with Differential Inputs
Rev 0; 1/07
MAX9742ETX MAXIM-MAX9742ETX Datasheet
766Kb / 36P
Single-/Dual-Supply, Stereo 16W, Class D Amplifier with Differential Inputs
Rev 0; 1/07
More results


Similar Description - MAX9742

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0030 MPS-EV0030 Datasheet
519Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
20W Stereo Class D Single Ended Audio Amplifier
logo
Power Analog Micoelectr...
PAM8615 PAM-PAM8615 Datasheet
438Kb / 13P
16W/32W Stereo Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9742 MAXIM-MAX9742 Datasheet
766Kb / 36P
Single-/Dual-Supply, Stereo 16W, Class D Amplifier with Differential Inputs
Rev 0; 1/07
logo
Anpec Electronics Corop...
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
logo
Monolithic Power System...
MP7748 MPS-MP7748 Datasheet
823Kb / 19P
2x20W Stereo Single Ended Class D Audio Amplifier
EV7740DN-01B MPS-EV7740DN-01B Datasheet
279Kb / 5P
15W Stereo Class D Single Ended Audio Amplifier
logo
Diodes Incorporated
PAM8615 DIODES-PAM8615 Datasheet
534Kb / 14P
16W/ 32W STEREO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
TECHCODE SEMICONDUCTOR,...
TD9772A TECHCODE-TD9772A Datasheet
787Kb / 12P
4 Inputs Selectable Stereo Class-AB Audio Amplifier
logo
Princeton Technology Co...
PT2812 PTC-PT2812 Datasheet
210Kb / 5P
3W Stereo Class-D Amplifier with 3 Inputs and Volume
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com