Electronic Components Datasheet Search
  English  ▼

X  

L9219A Datasheet (PDF) - Agere Systems

L9219A Datasheet PDF - Agere Systems
Part # L9219A
Download  L9219A Download
File Size   397.12 Kbytes
Page   30 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Low-Cost Line Interface with Reverse Battery and Dual Current Limit

L9219A Datasheet (PDF)

Go To PDF Page Download Datasheet
L9219A Datasheet PDF - Agere Systems

Part # L9219A
Download  L9219A Click to download

File Size   397.12 Kbytes
Page   30 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Low-Cost Line Interface with Reverse Battery and Dual Current Limit

L9219A Datasheet (HTML) - Agere Systems


L9219A Product details

Description
This general-purpose electronic subscriber loop interface circuit (SLIC) is optimized for low cost, while still providing a satisfactory set of features. This part is a pin-for-pin replacement for the Agere L9217 and L9218 SLICs.
The L9219 requires a 5 V power supply and single battery to operate. This device offers forward and reverse battery operation. The rate of battery reversal may be ramped to meet international requirements. Additionally, a low-power scan mode, wherein all circuitry except the off-hook supervision is shut down to conserve power, is available.

Features
■ Basic forward/reverse battery SLIC functionality at a low cost
■ Pin compatible with Agere Systems Inc. L9217 and L9218 SLICs
■ Low active power (typical 138 mW during on-hook transmission)
■ Low-power scan mode for low-power, on-hook power dissipation (52 mW typical)
■ Distortion-free, on-hook transmission
■ Convenient operating states:
    — Forward active-low current limit
    — Forward active-high current limit
    — Reverse active-low current limit
    — Reverse active-high current limit
    — Low-power scan
    — Disconnect (high impedance)
■ Minimal external components required
■ Two gain options to optimize the codec interface
■ Adjustable supervision functions:
    — Off-hook detector with hysteresis
    — Ring trip detector
■ Logic controlled high and low current limit
■ Ramped rate of battery reversal
■ Thermal protection with thermal shutdown indication




Similar Part No. - L9219A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
Low-Cost Ringing SLIC
October 2001
L9215A AGERE-L9215A Datasheet
1Mb / 50P
Short-Loop Sine Wave Ringing SLIC
September 2001
L9216A AGERE-L9216A Datasheet
1Mb / 48P
Short-Loop Ringing SLIC with Ground Start
September 2001
L9217A AGERE-L9217A Datasheet
414Kb / 30P
Low-Cost Line Interface with Reverse Battery and PPM
November 2001
L9218A AGERE-L9218A Datasheet
378Kb / 30P
Low-Cost Line Interface
November 2001
More results


Similar Description - L9219A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9217A AGERE-L9217A Datasheet
414Kb / 30P
Low-Cost Line Interface with Reverse Battery and PPM
November 2001
L9218A AGERE-L9218A Datasheet
378Kb / 30P
Low-Cost Line Interface
November 2001
logo
Analog Devices
ADA4310 AD-ADA4310 Datasheet
338Kb / 16P
Low Cost, Dual, High Current Output Line Driver with Shutdown
10/06-Revision 0
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
logo
Analog Devices
AD4311-1 AD-AD4311-1 Datasheet
343Kb / 16P
Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4310-1 AD-ADA4310-1_15 Datasheet
521Kb / 17P
Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. A
ADA4311-1 AD-ADA4311-1_15 Datasheet
475Kb / 17P
Low Cost, Dual, High Current Output Line Driver with Shutdown
REV. 0
ADA4311-1 AD-ADA4311-1_16 Datasheet
337Kb / 17P
Low Cost, Dual, High Current Output Line Driver with Shutdown
Rev. 0
ADA4310-1 AD-ADA4310-1_17 Datasheet
410Kb / 14P
Low Cost, Dual, High Current Output Line Driver with Shutdown
10/2017-Rev. B to Rev. C
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com