Electronic Components Datasheet Search
  English  ▼

X  

L9214A Datasheet (PDF) - Agere Systems

L9214A Datasheet PDF - Agere Systems
Part # L9214A
Download  L9214A Download
File Size   790.61 Kbytes
Page   46 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Low-Cost Ringing SLIC

L9214A Datasheet (PDF)

Go To PDF Page Download Datasheet
L9214A Datasheet PDF - Agere Systems

Part # L9214A
Download  L9214A Click to download

File Size   790.61 Kbytes
Page   46 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Low-Cost Ringing SLIC

L9214A Datasheet (HTML) - Agere Systems


L9214A Product details

Introduction
The Agere Systems Inc. L9214 is a subscriber line interface circuit that is optimized to provide a very low-cost solution for short- and medium-loop applications. This device provides the complete set of line interface functionality, including power ringing needed to interface to a subscriber loop. This device has the capability to operate with a VCC supply of 3.3 V or 5 V and is designed to minimize external components required at all device interfaces.

Features
■ Low-cost solution
■ Onboard ringing generation with software adjustable crest factor switching
■ Flexible VCC options:
    — 3.3 V or 5 V VCC
    — No –5 V required
■ Power control options:
    — Power control resistor
    — Automatic battery switch to minimize off-hook power
■ Eight operating states:
    — Scan mode for minimal power dissipation
    — Forward and reverse battery active
    — On-hook transmission states
    — Ring mode
    — Disconnect mode
■ Low on-hook power:
    — 25 mW scan mode
    — 165 mW active mode
■ Two SLIC gain options to minimize external components in codec interface
■ Loop start, ring trip, and ground key detectors
■ Programmable current limit
■ On-hook and scan mode line voltage clamp
■ Thermal protection
■ 48-pin MLCC, 32-pin PLCC, and 28-pin SOG (Please contact your Agere Sales Representative for availability) packages

Applications
■ Voice over Internet Protocol (VoIP)
■ Cable Modems
■ Terminal Adapters (TA)
■ Wireless Local Loop (WLL)
■ Telcordia Technologies™ GR-909 Access
■ Network Termination (NT)
■ PBX
■ Key Systems




Similar Part No. - L9214A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9215A AGERE-L9215A Datasheet
1Mb / 50P
Short-Loop Sine Wave Ringing SLIC
September 2001
L9216A AGERE-L9216A Datasheet
1Mb / 48P
Short-Loop Ringing SLIC with Ground Start
September 2001
L9217A AGERE-L9217A Datasheet
414Kb / 30P
Low-Cost Line Interface with Reverse Battery and PPM
November 2001
L9218A AGERE-L9218A Datasheet
378Kb / 30P
Low-Cost Line Interface
November 2001
L9219A AGERE-L9219A Datasheet
397Kb / 30P
Low-Cost Line Interface with Reverse Battery and Dual Current Limit
November 2001
More results


Similar Description - L9214A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
Low-Power SLIC with Ringing
April 2000
L8576B AGERE-L8576B Datasheet
583Kb / 26P
Dual Ringing SLIC
May 2001
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
VoIP Ringing SLIC Family
April 2000
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
Analog Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
Programmable Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
5V RINGING SLIC
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
3.3V / 5.0V Low Power Ringing SLIC
logo
Silver Telecom 2019
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
LOW COST SLIC
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
3.3V / 5.0V Low Power Ringing SLIC
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
VoIP Ringing SLIC Family
February 9, 2012
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com