Electronic Components Datasheet Search
  English  ▼

X  

AON7424 Datasheet (PDF) - Alpha & Omega Semiconductors

AON7424 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON7424
Download  AON7424 Download
File Size   244.34 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AON7424 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON7424 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON7424
Download  AON7424 Click to download

File Size   244.34 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AON7424 Datasheet (HTML) - Alpha & Omega Semiconductors


AON7424 Product details

General Description
The AON7424 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.

Product Summary
    VDS                                       30V
    ID (at VGS=10V)                   40A
    RDS(ON) (at VGS=10V)    < 5.2mΩ
    RDS(ON) (at VGS = 4.5V) < 7.5mΩ
   
    ESD protected
   
    100% UIS Tested
    100% Rg Tested




Similar Part No. - AON7424

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7421 AOSMD-AON7421 Datasheet
272Kb / 6P
20V P-Channel MOSFET
AON7422 AOSMD-AON7422 Datasheet
256Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
AON7422E AOSMD-AON7422E Datasheet
245Kb / 6P
30V N-Channel MOSFET
AON7422G AOSMD-AON7422G Datasheet
260Kb / 6P
RoHS and Halogen-Free Compliant
logo
VBsemi Electronics Co.,...
AON7422L VBSEMI-AON7422L Datasheet
1Mb / 8P
N-Channel 30 V (D-S) MOSFET
More results


Similar Description - AON7424

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com