Electronic Components Datasheet Search
  English  ▼

X  

AON7422G Datasheet (PDF) - Alpha & Omega Semiconductors

AON7422G Datasheet PDF - Alpha & Omega Semiconductors
Part # AON7422G
Download  AON7422G Download
File Size   260.04 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description RoHS and Halogen-Free Compliant

AON7422G Datasheet (PDF)

Go To PDF Page Download Datasheet
AON7422G Datasheet PDF - Alpha & Omega Semiconductors

Part # AON7422G
Download  AON7422G Click to download

File Size   260.04 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description RoHS and Halogen-Free Compliant

AON7422G Datasheet (HTML) - Alpha & Omega Semiconductors


AON7422G Product details

General Description
• Low RDS(ON)
• Optimized for Load Switch
• High Current Capability
• ESD Protected
• RoHS and Halogen-Free Compliant

Applications
• Battery Charging & Discharging for NB Battery Pack

Product Summary
   VDS                                  30V
   ID (at VGS=10V)               32A
   RDS(ON) (at VGS=10V)  < 4.6mΩ
   RDS(ON) (at VGS=4.5V) < 7.2mΩ

   Typical ESD protection      HBM Class 2

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AON7422G

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7422 AOSMD-AON7422 Datasheet
256Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
AON7422E AOSMD-AON7422E Datasheet
245Kb / 6P
30V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AON7422L VBSEMI-AON7422L Datasheet
1Mb / 8P
N-Channel 30 V (D-S) MOSFET
More results


Similar Description - AON7422G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
RoHS and Halogen-Free Compliant
AON7518 AOSMD-AON7518 Datasheet
213Kb / 6P
RoHS and Halogen-Free Compliant
AON7544 AOSMD-AON7544 Datasheet
276Kb / 6P
RoHS and Halogen-Free Compliant
AON7566 AOSMD-AON7566 Datasheet
337Kb / 6P
RoHS and Halogen-Free Compliant
AOSP32314 AOSMD-AOSP32314 Datasheet
325Kb / 5P
RoHS and Halogen-Free Compliant
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com