Electronic Components Datasheet Search
  English  ▼

X  

AON6536 Datasheet (PDF) - Alpha & Omega Semiconductors

AON6536 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON6536
Download  AON6536 Download
File Size   484.39 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AON6536 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON6536 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON6536
Download  AON6536 Click to download

File Size   484.39 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AON6536 Datasheet (HTML) - Alpha & Omega Semiconductors


AON6536 Product details

General Description
The AON6536 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.

Product Summary
    VDS                                     30V
    ID (at VGS=10V)                  55A
    RDS(ON) (at VGS=10V)  < 7mΩ
    RDS(ON) (at VGS=4.5V) < 10mΩ
   
    100% UIS Tested
    100% Rg Tested




Similar Part No. - AON6536

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6530 AOSMD-AON6530 Datasheet
294Kb / 6P
30V N-Channel AlphaMOS
AON6532 AOSMD-AON6532 Datasheet
318Kb / 6P
30V N-Channel AlphaMOS
AON6534 AOSMD-AON6534 Datasheet
304Kb / 6P
30V N-Channel AlphaMOS
AON6538 AOSMD-AON6538 Datasheet
294Kb / 6P
30V N-Channel AlphaMOS
More results


Similar Description - AON6536

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com