Electronic Components Datasheet Search
  English  ▼

X  

AON6532 Datasheet (PDF) - Alpha & Omega Semiconductors

AON6532 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON6532
Download  AON6532 Download
File Size   318.32 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel AlphaMOS

AON6532 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON6532 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON6532
Download  AON6532 Click to download

File Size   318.32 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel AlphaMOS

AON6532 Datasheet (HTML) - Alpha & Omega Semiconductors


AON6532 Product details

General Description
• Latest Trench Power AlphaMOS (αMOS LV) technology
• Very Low RDS(on) at 4.5VGS
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant

Application
• DC/DC Converters in Computing, Servers, and POL
• Isolated DC/DC Converters in Telecom and Industrial

Product Summary
    VDS                                        30V
    ID (at VGS=10V)                    68A
    RDS(ON) (at VGS=10V)    < 5.0mΩ
    RDS(ON) (at VGS = 4.5V) < 9.0mΩ
   
    100% UIS Tested
    100% Rg Tested




Similar Part No. - AON6532

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6530 AOSMD-AON6530 Datasheet
294Kb / 6P
30V N-Channel AlphaMOS
AON6534 AOSMD-AON6534 Datasheet
304Kb / 6P
30V N-Channel AlphaMOS
AON6536 AOSMD-AON6536 Datasheet
484Kb / 6P
30V N-Channel MOSFET
AON6538 AOSMD-AON6538 Datasheet
294Kb / 6P
30V N-Channel AlphaMOS
More results


Similar Description - AON6532

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
30V N-Channel AlphaMOS
AON6360 AOSMD-AON6360 Datasheet
273Kb / 6P
30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
30V N-Channel AlphaMOS
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com