Electronic Components Datasheet Search
  English  ▼

X  

EN25S32 Datasheet (PDF) - Eon Silicon Solution Inc.

EN25S32 Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25S32
Download  EN25S32 Download
File Size   1120.34 Kbytes
Page   59 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector

EN25S32 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25S32 Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25S32
Download  EN25S32 Click to download

File Size   1120.34 Kbytes
Page   59 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector

EN25S32 Datasheet (HTML) - Eon Silicon Solution Inc.


EN25S32 Product details

GENERAL DESCRIPTION

The EN25S32 is a 32 Megabit (4096K-byte) Serial Flash memory, with advanced write protection mechanisms. The EN25S32 supports the standard Serial Peripheral Interface (SPI), and a high

performance Dual output as well as Dual, Quad I/O using SPI pins: Serial Clock, Chip Select, Serial DQ0(DI) and DQ1(DO), DQ2(WP#) and DQ3(NC). SPI clock frequencies of up to 80MHz are supported allowing equivalent clock rates of 160MHz for Dual Output and 320MHz for Quad Output when using the Dual/Quad Output Fast Read instructions. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.



FEATURES

• Single power supply operation

- Full voltage range: 1.65-1.95 volt

• Serial Interface Architecture

- SPI Compatible: Mode 0 and Mode 3

• 32 M-bit Serial Flash

- 32 M-bit / 4096 KByte /16384 pages

- 256 bytes per programmable page

• Standard, Dual or Quad SPI

- Standard SPI: CLK, CS#, DI, DO, WP#

- Dual SPI: CLK, CS#, DQ0, DQ1, WP#

- Quad SPI: CLK, CS#, DQ0, DQ1, DQ2, DQ3

•High performance

- 104MHz clock rate for one data bit

- 80MHz clock rate for two data bits

- 80MHz clock rate for four data bits

•Burst Modes

- Continuous linear burst

- 8/16/32/64/128/256 linear burst with wrap around

• Low power consumption

- 12 mA typical active current

- 1μA typical power down current

• Uniform Sector Architecture:

- 1024 sectors of 4-Kbyte

- 64 blocks of 64-Kbyte

- Any sector or block can be erased individually

• Software and Hardware Write Protection:

- Write Protect all or portion of memory via software

- Enable/Disable protection with WP# pin

• High performance program/erase speed

- Page program time: 0.7ms typical

- Sector erase time: 40ms typical

- 64KB Block erase time 300ms typical

- Chip erase time: 17 seconds typical

• Write Suspend and Write Resume

• Lockable 512 byte OTP security sector

• Minimum 100K endurance cycle

•Package Options 

- 8 pins VSOP 200mil body width

- 8 contact VDFN

- All Pb-free packages are RoHS compliant

• Industrial temperature Range




Similar Part No. - EN25S32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results


Similar Description - EN25S32

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q32A EON-EN25Q32A Datasheet
1Mb / 52P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q32B EON-EN25Q32B Datasheet
1Mb / 56P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32 EON-EN25QH32 Datasheet
1Mb / 63P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q32C EON-EN25Q32C Datasheet
1Mb / 62P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32A EON-EN25QH32A Datasheet
1Mb / 63P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25Q32 ETC1-EN25Q32 Datasheet
618Kb / 42P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com