Electronic Components Datasheet Search
  English  ▼

X  

EN25Q32B Datasheet (PDF) - Eon Silicon Solution Inc.

EN25Q32B Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25Q32B
Download  EN25Q32B Download
File Size   1119.49 Kbytes
Page   56 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector

EN25Q32B Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25Q32B Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25Q32B
Download  EN25Q32B Click to download

File Size   1119.49 Kbytes
Page   56 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector

EN25Q32B Datasheet (HTML) - Eon Silicon Solution Inc.


EN25Q32B Product details

GENERAL DESCRIPTION

The EN25Q32B is a 32 Megabit (4096K-byte) Serial Flash memory, with advanced write protection mechanisms. The EN25Q32B supports the standard Serial Peripheral Interface (SPI), and a high performance Dual output as well as Quad I/O using SPI pins: Serial Clock, Chip Select, Serial DQ0(DI), DQ1(DO), DQ2(WP#) and DQ3(NC). SPI clock frequencies of up to 80MHz are supported allowing equivalent clock rates of 160MHz for Dual Output when using the Dual Output Fast Read instructions, and SPI clock frequencies of up to 50MHz are supported allowing equivalent clock rates of 200MHz for Quad Output when using the Quad Output Fast Read instructions. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.




Similar Part No. - EN25Q32B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN25Q32 ETC1-EN25Q32 Datasheet
618Kb / 42P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25Q32A EON-EN25Q32A Datasheet
1Mb / 52P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q32A-100HIP EON-EN25Q32A-100HIP Datasheet
1Mb / 52P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q32A-100QIP EON-EN25Q32A-100QIP Datasheet
1Mb / 52P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q32A-100WIP EON-EN25Q32A-100WIP Datasheet
1Mb / 52P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results


Similar Description - EN25Q32B

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q32A EON-EN25Q32A Datasheet
1Mb / 52P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32 EON-EN25QH32 Datasheet
1Mb / 63P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S32 EON-EN25S32 Datasheet
1Mb / 59P
32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q32C EON-EN25Q32C Datasheet
1Mb / 62P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32A EON-EN25QH32A Datasheet
1Mb / 63P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH128A EON-EN25QH128A Datasheet
1Mb / 75P
128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25Q32 ETC1-EN25Q32 Datasheet
618Kb / 42P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com