Electronic Components Datasheet Search
  English  ▼

X  

73K324BL Datasheet (PDF) - Teridian Semiconductor Corporation

73K324BL Datasheet PDF - Teridian Semiconductor Corporation
Part # 73K324BL
Download  73K324BL Download
File Size   210.76 Kbytes
Page   34 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Single-Chip Modem w/ Integrated Hybrid

73K324BL Datasheet (PDF)

Go To PDF Page Download Datasheet
73K324BL Datasheet PDF - Teridian Semiconductor Corporation

Part # 73K324BL
Download  73K324BL Click to download

File Size   210.76 Kbytes
Page   34 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Single-Chip Modem w/ Integrated Hybrid

73K324BL Datasheet (HTML) - Teridian Semiconductor Corporation


73K324BL Product details

DESCRIPTION
The 73K324BL is a highly integrated single-chip modem IC which provides the functions needed to construct a V.22bis compatible modem, capable of 2400 bps full-duplex operation over dial-up lines. The 73K324BL is an enhancement of the 73K324L single-chip modem, which adds the hybrid hook switch control, and driver to the 73K324L. The 73K324BL integrates analog, digital, and switched-capacitor array functions on a single chip, offering excellent performance and a high level of functional integration in a 32-Lead PLCC package.
   
FEATURES
• Includes features of 73K324L single-chip
    modem
• On chip 2-wire/4-wire hybrid driver and off
    hook relay buffer
• One-chip multi-mode V.22bis/V.22/V.21/V.23
    and Bell 212A compatible modem data pump
• FSK (300/1200 bps), DPSK (600, 1200 bps), or
    QAM (2400 bps) encoding
• Software compatible with other Semiconductor K-Series one-chip modems
• Interfaces directly with standard microprocessors (80C51 typical)
• Parallel or serial bus for control
• Selectable asynch/synch with internal
    buffer/debuffer and scrambler/descrambler
    functions
• All asynchronous and synchronous operating
    modes (internal, external, slave)   
• Adaptive equalization for optimum
    performance over all lines
• Programmable transmit attenuation (16 dB, 1
    dB steps), selectable receive boost
    (+18 dB)
• Call progress, carrier, answer tone,
    unscrambled mark, S1, and signal quality
    monitors
• DTMF, answer, SCT, and guard tone
    generators
• Test modes available: ALB, DL, RDL, mark,
    space, alternating bit, S1 pattern
• CMOS technology for low power consumption
    (typically 100 mW @ 5 V) with power-down
    mode (15 mW @ 5 V)
• TTL and CMOS compatible inputs and outputs
   




Similar Part No. - 73K324BL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
73K324BL ETC-73K324BL Datasheet
319Kb / 34P
Single-Chip Modem w/Integrated Hybrid
logo
TDK Electronics
73K324BL TDK-73K324BL Datasheet
273Kb / 26P
V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
List of Unclassifed Man...
73K324BL-IGT ETC-73K324BL-IGT Datasheet
319Kb / 34P
Single-Chip Modem w/Integrated Hybrid
73K324BL-IH ETC-73K324BL-IH Datasheet
319Kb / 34P
Single-Chip Modem w/Integrated Hybrid
More results


Similar Description - 73K324BL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
VDSL5100I INFINEON-VDSL5100I Datasheet
607Kb / 2P
Integrated Single-port VDSL Modem-on-Chip
2003-07-01
logo
List of Unclassifed Man...
73K224BL ETC-73K224BL Datasheet
237Kb / 33P
Single-Chip Modem w/ Integrated Hybrid
73K324BL ETC-73K324BL Datasheet
319Kb / 34P
Single-Chip Modem w/Integrated Hybrid
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
Single-Chip Modem
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
Single-Chip Modem
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
Single-Chip Modem
73K224BL TERIDIAN-73K224BL Datasheet
207Kb / 33P
Single-Chip Modem w/ Integrated Hybrid
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
Single-Chip Modem
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
Single Chip Modem
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com