Electronic Components Datasheet Search
  English  ▼

X  

73K222AL Datasheet (PDF) - Teridian Semiconductor Corporation

73K222AL Datasheet PDF - Teridian Semiconductor Corporation
Part # 73K222AL
Download  73K222AL Download
File Size   277.63 Kbytes
Page   27 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Single-Chip Modem

73K222AL Datasheet (PDF)

Go To PDF Page Download Datasheet
73K222AL Datasheet PDF - Teridian Semiconductor Corporation

Part # 73K222AL
Download  73K222AL Click to download

File Size   277.63 Kbytes
Page   27 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Single-Chip Modem

73K222AL Datasheet (HTML) - Teridian Semiconductor Corporation


73K222AL Product details

DESCRIPTION

The 73K222AL is a highly integrated single-chip modem IC which provides the functions needed to construct a CCITT V.22, V.21 and Bell 212A compatible modem, capable of 1200 bit/s full-duplex operation over dial-up lines. The 73K222AL is an enhancement of the 73K212L/AL single-chip modem which adds V.22 and V.21 modes to the Bell 212A and 103 operation of the 73K212AL. In Bell 212A mode, the 73K222AL provides the normal Bell 212A and 103 functions and employs a 2225 Hz answer tone. The 73K222AL in V.22 mode produces either 550 or 1800 Hz guard tone, recognizes and generates a 2100 Hz answer tone, and allows 600 bit/s V.22 or 0-300 bit/s V.21 operation.



FEATURES

• One-chip CCITT V.22, V.21, Bell 212A and Bell 103 standard compatible modem data pump

• Full-duplex operation at 0-300 bit/s (FSK) or 600 and 1200 bit/s (DPSK)

• Pin and software compatible with other TERIDIAN Semiconductor Corporation K-Series 1-chip modems

• Interfaces directly with standard microprocessors (8048, 80C51 typical)

• Serial or parallel microprocessor bus for control

• Serial port for data transfer

• Both synchronous and asynchronous modes of operation including V.22 extended overspeed

• Call progress, carrier, precise answer tone (2100 or 2225 Hz), and long loop detectors

• DTMF, and 550 or 1800 Hz guard tone generators

• Test modes available: ALB, DL, RDL, Mark, Space, Alternating bit patterns

• Precise automatic gain control allows 45 dB dynamic range

• CMOS technology for low power consumption using 60 mW @ 5V

• Single +5 volt supply

• PLCC package



 




Similar Part No. - 73K222AL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222AL TDK-73K222AL Datasheet
273Kb / 26P
V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
73K222AL-IGT TDK-73K222AL-IGT Datasheet
160Kb / 28P
V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222AL-IH TDK-73K222AL-IH Datasheet
160Kb / 28P
V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222AL-IP TDK-73K222AL-IP Datasheet
160Kb / 28P
V.22, V.21, Bell 212A, 103 Single-Chip Modem
More results


Similar Description - 73K222AL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
Single-Chip Modem Modem with UART
logo
List of Unclassifed Man...
73M2921 ETC-73M2921 Datasheet
222Kb / 41P
Advanced Single Chip Modem
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
Single-Chip Modem
73M2901 TDK-73M2901 Datasheet
316Kb / 17P
Advanced Single Chip Modem
logo
Teridian Semiconductor ...
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
Single-Chip Modem
73K324L TERIDIAN-73K324L Datasheet
244Kb / 30P
Single-Chip Modem
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
Single Chip Modem
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
Single-Chip 300-Baud Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
V.22bis Single Chip Modem
January 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com