Electronic Components Datasheet Search
  English  ▼

X  

EN25Q40 Datasheet (PDF) - Eon Silicon Solution Inc.

EN25Q40 Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25Q40
Download  EN25Q40 Download
File Size   946.53 Kbytes
Page   48 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector

EN25Q40 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25Q40 Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25Q40
Download  EN25Q40 Click to download

File Size   946.53 Kbytes
Page   48 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector

EN25Q40 Datasheet (HTML) - Eon Silicon Solution Inc.


EN25Q40 Product details

GENERAL DESCRIPTION

The EN25Q40 is a 4 Megabit (512K-byte) Serial Flash memory, with advanced write protection mechanisms. The EN25Q40 supports the standard Serial Peripheral Interface (SPI), and a high performance Dual output as well as Quad I/O using SPI pins: Serial Clock, Chip Select, Serial DQ0(DI), DQ1(DO), DQ2(WP#) and DQ3(NC). SPI clock frequencies of up to 80MHz are supported allowing equivalent clock rates of 160MHz for Dual Output and 320MHz for Quad Output when using the Dual/Quad Output Fast Read instructions. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.





 




Similar Part No. - EN25Q40

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q40 EON-EN25Q40 Datasheet
966Kb / 49P
4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40-100GIP EON-EN25Q40-100GIP Datasheet
966Kb / 49P
4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40-100WIP EON-EN25Q40-100WIP Datasheet
966Kb / 49P
4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40-100XIP EON-EN25Q40-100XIP Datasheet
966Kb / 49P
4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results


Similar Description - EN25Q40

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S40 EON-EN25S40 Datasheet
594Kb / 37P
4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40 EON-EN25Q40_11 Datasheet
966Kb / 49P
4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25F10A EON-EN25F10A Datasheet
1Mb / 62P
1 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16A EON-EN25QH16A Datasheet
1Mb / 66P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40A EON-EN25S40A Datasheet
1Mb / 68P
4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25F40A EON-EN25F40A Datasheet
1Mb / 62P
4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH128A EON-EN25QH128A Datasheet
1Mb / 75P
128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com