Electronic Components Datasheet Search
  English  ▼

X  

EN25S40 Datasheet (PDF) - Eon Silicon Solution Inc.

EN25S40 Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25S40
Download  EN25S40 Download
File Size   594.81 Kbytes
Page   37 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector

EN25S40 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25S40 Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25S40
Download  EN25S40 Click to download

File Size   594.81 Kbytes
Page   37 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector

EN25S40 Datasheet (HTML) - Eon Silicon Solution Inc.


EN25S40 Product details

GENERAL DESCRIPTION

The EN25S40 is a 4 Megabit (512K-byte) Serial Flash memory, with advanced write protection mechanisms. The EN25S40 supports the standard Serial Peripheral Interface (SPI), and a high performance Dual output as well as Dual I/O using SPI pins: Serial Clock, Chip Select, Serial DQ0(DI), DQ1(DO), WP# and HOLD#. SPI clock frequencies of up to 50MHz are supported allowing equivalent clock rates of 100MHz for Dual Output when using the Dual Output Fast Read instructions. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.



FEATURES

• Single power supply operation

   - Full voltage range: 1.65-1.95 volt

• Serial Interface Architecture

   - SPI Compatible: Mode 0 and Mode 3

• 4 M-bit Serial Flash

   - 4 M-bit/512 K-byte/2048 pages

   - 256 bytes per programmable page

• Standard or Dual SPI

   - Standard SPI: CLK, CS#, DI, DO, WP#, HOLD#

   - Dual SPI: CLK, CS#, DQ0, DQ1, WP#, HOLD#

• High performance

   - 75MHz clock rate for one data bit

   - 50MHz clock rate for two data bits

• Low power consumption

   - 7 mA typical active current

   - 1 μA typical power down current

• Uniform Sector Architecture:

   - 128 sector of 4-Kbyte

   - 8 blocks of 64-Kbyte

   - Any sector or block can be erased individually

• Software and Hardware Write Protection:

   - Block Protect Bits are default set to “1” at Power-up

   - Write Protect all or portion of memory via software

   - Enable/Disable protection with WP# pin

• High performance program/erase speed

   - Page program time: 1.3ms typical

   - Sector erase time: 90ms typical

   - Block erase time 400ms typical

   - Chip erase time: 3.5 seconds typical

• Lockable 256 byte OTP security sector

• Minimum 100K endurance cycle

• Package Options

   - 8 pins SOP 150mil body width

   - 8 contact VDFN 2x3mm

   - 8 contact VDFN 5x6 mm

   - All Pb-free packages are RoHS compliant

• Industrial temperature Range



 




Similar Part No. - EN25S40

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S40 EON-EN25S40 Datasheet
546Kb / 34P
4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40-75GIP EON-EN25S40-75GIP Datasheet
546Kb / 34P
4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40-75WIP EON-EN25S40-75WIP Datasheet
546Kb / 34P
4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40-75XIP EON-EN25S40-75XIP Datasheet
546Kb / 34P
4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40A EON-EN25S40A Datasheet
1Mb / 68P
4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results


Similar Description - EN25S40

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S80 EON-EN25S80 Datasheet
604Kb / 37P
8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16 EON-EN25S16 Datasheet
1Mb / 58P
16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20 EON-EN25S20 Datasheet
564Kb / 34P
2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20A EON-EN25S20A Datasheet
1Mb / 65P
2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40A EON-EN25S40A Datasheet
1Mb / 68P
4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com