Electronic Components Datasheet Search
  English  ▼

X  

EN25S80 Datasheet (PDF) - Eon Silicon Solution Inc.

EN25S80 Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25S80
Download  EN25S80 Download
File Size   604.77 Kbytes
Page   37 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector

EN25S80 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25S80 Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25S80
Download  EN25S80 Click to download

File Size   604.77 Kbytes
Page   37 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector

EN25S80 Datasheet (HTML) - Eon Silicon Solution Inc.


EN25S80 Product details

GENERAL DESCRIPTION
The EN25S80 is an 8 Megabit (1024K-byte) Serial Flash memory, with advanced write protection
mechanisms, accessed by a high speed SPI-compatible bus. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.
The EN25S80 is designed to allow either single Sector/Blockat a time or full chip erase operation. TheEN25S80 can be configured to protect part of the memory as the software protected mode. The device can sustain a minimum of 100K program/erase cycles on each sector or block.

FEATURES
• Single power supply operation
- Full voltage range: 1.65-1.95 volt
• Serial Interface Architecture
- SPI Compatible: Mode 0 and Mode 3
• 8 M-bit Serial Flash
- 8 M-bit/1024 K-byte/4096 pages
- 256 bytes per programmable page
• High performance
- 75MHz clock rate
• Low power consumption
- 7 mA typical active current
- 1 μA typical power down current
• Uniform Sector Architecture:
- 256 sectors of 4-Kbyte
- 16 blocks of 64-Kbyte
- Any sector or block can be erased individually
• Software and Hardware Write Protection:
- Write Protect all or portion of memory via software
- Enable/Disable protection with WP# pin
• High performance program/erase speed
- Page program time: 1.5ms typical  - Sector erase time: 90ms typical 
- Block erase time 500ms typical
- Chip erase time: 8 seconds typical
• Lockable 256 byte OTP security sector
• Minimum 100K endurance cycle
• Package Options 
- 8 pins SOP 150mil body width  - 8 pins VSOP 200mil body width 
- 8 contact VDFN
- All Pb-free packages are RoHS compliant
• Industrial temperature Range




Similar Part No. - EN25S80

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S80 EON-EN25S80 Datasheet
558Kb / 34P
8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80-75GIP EON-EN25S80-75GIP Datasheet
558Kb / 34P
8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80-75RIP EON-EN25S80-75RIP Datasheet
558Kb / 34P
8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80-75WIP EON-EN25S80-75WIP Datasheet
558Kb / 34P
8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80A EON-EN25S80A Datasheet
1Mb / 66P
8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results


Similar Description - EN25S80

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q80A EON-EN25Q80A Datasheet
1Mb / 50P
8 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16 EON-EN25S16 Datasheet
1Mb / 58P
16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20 EON-EN25S20 Datasheet
564Kb / 34P
2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80 EON-EN25S80_11 Datasheet
558Kb / 34P
8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20A EON-EN25S20A Datasheet
1Mb / 65P
2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80A EON-EN25S80A Datasheet
1Mb / 66P
8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com