Electronic Components Datasheet Search
  English  ▼

X  

TC7MBL3253CFK Datasheet (PDF) - Toshiba Semiconductor

TC7MBL3253CFK Datasheet PDF - Toshiba Semiconductor
Part # TC7MBL3253CFK
Download  TC7MBL3253CFK Download
File Size   256.41 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuit Silicon Monolithic

TC7MBL3253CFK Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7MBL3253CFK Datasheet PDF - Toshiba Semiconductor

Part # TC7MBL3253CFK
Download  TC7MBL3253CFK Click to download

File Size   256.41 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuit Silicon Monolithic

TC7MBL3253CFK Datasheet (HTML) - Toshiba Semiconductor


TC7MBL3253CFK Product details

Dual 1-of-4 FET Multiplexer/Demultiplexer

The TC7MBL3253C is a Low Voltage/Low Capacitance CMOS 2bit 1-of-4 Multiplexer/Demultiplexer. The low on-resistance of the switch allows connections to be made with minimal propagation delay time.

Features
• Operating voltage: VCC = 1.65 to 3.6 V
• On-capacitance: CI/O = 13 pF Switch On (typ.) @ VCC = 3 V
• On-resistance: RON = 9 Ω (typ.) @ VCC = 3 V, VI/O = 0 V
• ESD performance: Machine model ≥ ±200 V Human body model ≥ ±2000 V
• Power-down protection for inputs (OE, S1, S0 and I/O)
• Package: TSSOP16, VSSOP16 (US16)




Similar Part No. - TC7MBL3253CFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
177Kb / 8P
Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257CFK TOSHIBA-TC7MBL3257CFK Datasheet
241Kb / 12P
4-Bit 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
4-Bit 1-of-2 Multiplexer/Demultiplexer
More results


Similar Description - TC7MBL3253CFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC10AP TOSHIBA-TC74HC10AP Datasheet
237Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic
29-Nov-2005
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7SZ32FU KEC-KIC7SZ32FU_15 Datasheet
374Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC358860XBG TOSHIBA-TC358860XBG Datasheet
390Kb / 19P
CMOS Digital Integrated Circuit Silicon Monolithic
2017-07-01 Rev.2.0a
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com