Electronic Components Datasheet Search
  English  ▼

X  

TC7MBL3257CFK Datasheet (PDF) - Toshiba Semiconductor

TC7MBL3257CFK Datasheet PDF - Toshiba Semiconductor
Part # TC7MBL3257CFK
Download  TC7MBL3257CFK Download
File Size   241.2 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4-Bit 1-of-2 Multiplexer/Demultiplexer

TC7MBL3257CFK Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7MBL3257CFK Datasheet PDF - Toshiba Semiconductor

Part # TC7MBL3257CFK
Download  TC7MBL3257CFK Click to download

File Size   241.2 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4-Bit 1-of-2 Multiplexer/Demultiplexer

TC7MBL3257CFK Datasheet (HTML) - Toshiba Semiconductor


TC7MBL3257CFK Product details

4-Bit 1-of-2 Multiplexer/Demultiplexer

The TC7MBL3257C is a Low Voltage/Low Capacitance CMOS 4bit 1-of-2 Multiplexer/Demultiplexer. The low on-resistance of the switch allows connections to be made with minimal propagation delay time.

Features
• Operating voltage: VCC = 1.65 to 3.6 V
• On-capacitance: CI/O = 8 pF Switch On (typ.)@VCC=3 V
• On-resistance: RON = 8.5 Ω (typ.)@VCC=3 V, VI/O=0 V
• ESD performance: Machine model ≥ ±200 V Human body model ≥ ±2000 V
• Power-down protection for inputs ( OE and I/O)
• Package: TSSOP16,VSSOP16 (US16), VQON16
• Pin compatible with the TC7MBL3257A type




Similar Part No. - TC7MBL3257CFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
177Kb / 8P
Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
Quad 1-of-2 Multiplexer/Demultiplexer
More results


Similar Description - TC7MBL3257CFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257 Datasheet
361Kb / 12P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3Q3257 TI-SN74CB3Q3257 Datasheet
336Kb / 13P
4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74CBT3257 HITACHI-HD74CBT3257 Datasheet
102Kb / 11P
4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257_09 Datasheet
656Kb / 16P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257_15 Datasheet
201Kb / 5P
4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com