Electronic Components Datasheet Search
  English  ▼

X  

MAX16828 Datasheet (PDF) - Maxim Integrated Products

MAX16828 Datasheet PDF - Maxim Integrated Products
Part # MAX16828
Download  MAX16828 Download
File Size   198.27 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, 100mA/200mA Adjustable Linear High-Brightness LED Drivers with PWM Dimming

MAX16828 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16828 Datasheet PDF - Maxim Integrated Products

Part # MAX16828
Download  MAX16828 Click to download

File Size   198.27 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, 100mA/200mA Adjustable Linear High-Brightness LED Drivers with PWM Dimming

MAX16828 Datasheet (HTML) - Maxim Integrated Products


MAX16828 Product details

General Description
The MAX16815/MAX16828 current regulators operate from a 6.5V to 40V input voltage range and deliver up to 100mA (MAX16815) or 200mA (MAX16828) to high-brightness LED (HB LED) loads. The output current is adjusted by using an external current-sense resistor in series with the LEDs.

Features
● 6.5V to 40V Operating Range
● Adjustable LED Current
   MAX16815: 35mA to 100mA
   MAX16828: 35mA to 200mA
● ±3.5% LED Current Accuracy
● High-Voltage DIM Input for Dimming Interface
● Integrated Pass Element with Low-Dropout Voltage
   (0.4V typ)
● 5V Regulated Output with 4mA Source Capability
● Thermal Shutdown
● Output Short-Circuit Protection
● Available in Small, Thermally Enhanced,
   3mm x 3mm, 6-Pin TDFN and 8-Pin SO with
   Exposed Pad Packages
● -40°C to +125°C Operating Temperature Range

Applications
● Emergency Vehicle Warning Lights
● Signage and Indicators
● Ambient and Architectural Lighting
● LED Bulbs
● Display Backlighting




Similar Part No. - MAX16828

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16828 MAXIM-MAX16828 Datasheet
86Kb / 4P
MAX16828 Evaluation Kit
Rev 0; 12/08
MAX16828EVKIT MAXIM-MAX16828EVKIT Datasheet
86Kb / 4P
MAX16828 Evaluation Kit
Rev 0; 12/08
More results


Similar Description - MAX16828

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
MAX16824 MAXIM-MAX16824 Datasheet
210Kb / 14P
High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 0; 11/07
MAX16824 MAXIM-MAX16824_08 Datasheet
211Kb / 15P
High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 1; 1/08
MAX16836 MAXIM-MAX16836 Datasheet
176Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 5/08
MAX16835 MAXIM-MAX16835 Datasheet
155Kb / 8P
High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 1; 5/08
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16824 MAXIM-MAX16824_09 Datasheet
307Kb / 13P
High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 2; 4/09
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
MAX16824 MAXIM-MAX16824_13 Datasheet
206Kb / 13P
High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 3; 1/13
logo
Diodes Incorporated
AL9902 DIODES-AL9902 Datasheet
729Kb / 18P
LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
Rev 1
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com