Electronic Components Datasheet Search
  English  ▼

X  

MAX16824 Datasheet (PDF) - Maxim Integrated Products

MAX16824 Datasheet PDF - Maxim Integrated Products
Part # MAX16824
Download  MAX16824 Download
File Size   210.02 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, Three-Channel Linear High-Brightness LED Drivers

MAX16824 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16824 Datasheet PDF - Maxim Integrated Products

Part # MAX16824
Download  MAX16824 Click to download

File Size   210.02 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, Three-Channel Linear High-Brightness LED Drivers

MAX16824 Datasheet (HTML) - Maxim Integrated Products


MAX16824 Product details

General Description
The MAX16824/MAX16825 three-channel LED drivers operate over a 6.5V to 28V input voltage range. These devices provide three open-drain constant-current-sinking outputs that are rated to 36V and deliver up to 150mA of current to each string of high-brightness LEDs (HB LEDs). The current at each output is programmable by means of an external current-sense resistor.

Features
♦ 6.5V to 28V Operating Range
♦ Outputs Connected to 36V Supply for Long LED Strings
♦ Three 36V-Rated Output Channels with Independently Adjustable LED Current
♦ 150mA Output Current Per Channel
♦ ±5% LED Current Accuracy
♦ PWM Dimming
    Three Independent Dimming Control Inputs (MAX16824)
    4-Wire Serial Interface LED Current Chopping (MAX16825)
♦ +5V (±5%) Regulated Output with 4mA Source Capability
♦ Fast Transient Dimming Response
♦ 200mV Current-Sense Reference Reduces Power Loss
♦ Thermal Shutdown
♦ -40°C to +125°C Operating Temperature Range
♦ Thermally Enhanced, 16-Pin TSSOP Exposed Pad Package

Applications
    Industrial Lighting
    Architectural and Decorative Lighting
    Mood Lighting
    Indoor and Outdoor LED Video Displays
    Automotive Lighting
    LCD Display Backlighting




Similar Part No. - MAX16824

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16824 MAXIM-MAX16824 Datasheet
211Kb / 15P
High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 1; 1/08
MAX16824 MAXIM-MAX16824 Datasheet
307Kb / 13P
High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 2; 4/09
MAX16824 MAXIM-MAX16824 Datasheet
206Kb / 13P
High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 3; 1/13
MAX16824AUE+ MAXIM-MAX16824AUE+ Datasheet
211Kb / 15P
High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 1; 1/08
MAX16824AUE+ MAXIM-MAX16824AUE+ Datasheet
307Kb / 13P
High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 2; 4/09
More results


Similar Description - MAX16824

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16824 MAXIM-MAX16824_08 Datasheet
211Kb / 15P
High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 1; 1/08
MAX16823 MAXIM-MAX16823_08 Datasheet
195Kb / 12P
High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
MAX16815 MAXIM-MAX16815 Datasheet
198Kb / 11P
High-Voltage, 100mA/200mA Adjustable Linear High-Brightness LED Drivers with PWM Dimming
Rev 1; 7/09
MAX16824 MAXIM-MAX16824_09 Datasheet
307Kb / 13P
High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 2; 4/09
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16824 MAXIM-MAX16824_13 Datasheet
206Kb / 13P
High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 3; 1/13
MAX16823 MAXIM-MAX16823_15 Datasheet
830Kb / 12P
High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com