Electronic Components Datasheet Search
  English  ▼

X  

XO32 Datasheet (PDF) - EUROQUARTZ limited

XO32 Datasheet PDF - EUROQUARTZ limited
Part # XO32
Download  XO32 Download
File Size   240.57 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description 3.2 x 2.5 x 0.95mm SMD HCMOS

XO32 Datasheet (PDF)

Go To PDF Page Download Datasheet
XO32 Datasheet PDF - EUROQUARTZ limited

Part # XO32
Download  XO32 Click to download

File Size   240.57 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description 3.2 x 2.5 x 0.95mm SMD HCMOS

XO32 Datasheet (HTML) - EUROQUARTZ limited




Similar Part No. - XO32

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XO3225 EUROQUARTZ-XO3225 Datasheet
207Kb / 1P
Low Power AT-Cut Clock Oscillator
XO327 EUROQUARTZ-XO327 Datasheet
142Kb / 1P
Low Power Clock Oscillator
logo
MTRONPTI
XO3280 MTRONPTI-XO3280 Datasheet
204Kb / 1P
0.7x0.5 inch, 3.3 & 5.0 Volt, HCMOS/Sinewave, TCXO
XO3285 MTRONPTI-XO3285 Datasheet
33Kb / 1P
Shock Hardened TCXO
logo
Vishay Siliconix
XO32CREH604M VISHAY-XO32CREH604M Datasheet
90Kb / 3P
Half Size Clock Oscillators Enable/Disable
05-Mar-07
More results


Similar Description - XO32

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
MT1010 EUROQUARTZ-MT1010 Datasheet
223Kb / 1P
3.2 x 2.5 x 0.7mm SMD
logo
Oscilent Corporation
435-12.0M-3DC-TTS OSCILENT-435-12.0M-3DC-TTS Datasheet
169Kb / 2P
3.2 x 2.5 SMD Ceramic HCMOS Output
logo
EUROQUARTZ limited
EM32T EUROQUARTZ-EM32T Datasheet
141Kb / 1P
HCMOS TCXO 3.2 x 2.5mm SMD
MB53T EUROQUARTZ-MB53T Datasheet
177Kb / 1P
5 x 3.2 x 2.2mm SMD HCMOS
MT EUROQUARTZ-MT Datasheet
106Kb / 1P
3.2 x 2.5 x 0.7mm SMD
X32 EUROQUARTZ-X32 Datasheet
106Kb / 1P
3.2 x 2.5 x 0.7mm SMD
XO22 EUROQUARTZ-XO22 Datasheet
222Kb / 2P
2.5 x 2.0 x 0.9mm SMD HCMOS
XOB32 EUROQUARTZ-XOB32 Datasheet
207Kb / 2P
3.2 x 2.5 x 0.95mm SMD HCMOS
XOB53 EUROQUARTZ-XOB53 Datasheet
207Kb / 2P
5.0 x 3.2 x 1.2mm SMD HCMOS
X32-W EUROQUARTZ-X32-W Datasheet
135Kb / 1P
3.2 x 2.5 x 0.7mm SMD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com