Electronic Components Datasheet Search
  English  ▼

X  

X32-W Datasheet (PDF) - EUROQUARTZ limited

X32-W Datasheet PDF - EUROQUARTZ limited
Part # X32-W
Download  X32-W Download
File Size   135.34 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description 3.2 x 2.5 x 0.7mm SMD

X32-W Datasheet (PDF)

Go To PDF Page Download Datasheet
X32-W Datasheet PDF - EUROQUARTZ limited

Part # X32-W
Download  X32-W Click to download

File Size   135.34 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description 3.2 x 2.5 x 0.7mm SMD

X32-W Datasheet (HTML) - EUROQUARTZ limited




Similar Part No. - X32-W

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
X32 MERCURY-X32 Datasheet
35Kb / 1P
Surface Mount Crystals
logo
EUROQUARTZ limited
X32 EUROQUARTZ-X32 Datasheet
106Kb / 1P
3.2 x 2.5 x 0.7mm SMD
logo
Unisonic Technologies
X3211 UTC-X3211 Datasheet
188Kb / 12P
LINEAR INTEGRATED CIRCUIT
logo
Mercury United Electron...
X3215 MERCURY-X3215 Datasheet
135Kb / 2P
3.2x1.5x0.8 mm 32.768 KHz Tuning Fork Surface Mount Crystal
logo
EUROQUARTZ limited
X3215 EUROQUARTZ-X3215 Datasheet
167Kb / 1P
3.2 x 1.5 x 0.8mm Micro-miniature SMD
More results


Similar Description - X32-W

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
MT1010 EUROQUARTZ-MT1010 Datasheet
223Kb / 1P
3.2 x 2.5 x 0.7mm SMD
XO32 EUROQUARTZ-XO32 Datasheet
240Kb / 1P
3.2 x 2.5 x 0.95mm SMD HCMOS
MT EUROQUARTZ-MT Datasheet
106Kb / 1P
3.2 x 2.5 x 0.7mm SMD
X32 EUROQUARTZ-X32 Datasheet
106Kb / 1P
3.2 x 2.5 x 0.7mm SMD
XOB32 EUROQUARTZ-XOB32 Datasheet
207Kb / 2P
3.2 x 2.5 x 0.95mm SMD HCMOS
XON-3200VHG EUROQUARTZ-XON-3200VHG Datasheet
175Kb / 1P
3.2 x 2.5 x 0.9mm SMD - Clipped Sinewave
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
logo
Transko Electronics, In...
CS32 TRANSKO-CS32 Datasheet
196Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 8: 10-10-19
CX32 TRANSKO-CX32 Datasheet
312Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 0: 11-12-2020
TIP32 TRANSKO-TIP32 Datasheet
458Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 3: Aug. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com