Electronic Components Datasheet Search
  English  ▼

X  

MURB2020CT Datasheet (PDF) - Vishay Siliconix

MURB2020CT Datasheet PDF - Vishay Siliconix
Part # MURB2020CT
Download  MURB2020CT Download
File Size   116.12 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 2 x 10 A FRED PtTM

MURB2020CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MURB2020CT Datasheet PDF - Vishay Siliconix

Part # MURB2020CT
Download  MURB2020CT Click to download

File Size   116.12 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 2 x 10 A FRED PtTM

MURB2020CT Datasheet (HTML) - Vishay Siliconix




Similar Part No. - MURB2020CT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MURB2020CT IRF-MURB2020CT Datasheet
174Kb / 8P
Ultrafast Rectifier
logo
GOOD-ARK Electronics
MURB2020CT GOOD-ARK-MURB2020CT Datasheet
499Kb / 7P
Product Specification
logo
Zibo Seno Electronic En...
MURB2020CT ZSELEC-MURB2020CT Datasheet
165Kb / 2P
20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Inchange Semiconductor ...
MURB2020CT ISC-MURB2020CT Datasheet
358Kb / 2P
Ultra fast Rectifier
logo
Thinki Semiconductor Co...
MURB2020CT THINKISEMI-MURB2020CT Datasheet
762Kb / 2P
20.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
More results


Similar Description - MURB2020CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16CTU04PBF VISHAY-16CTU04PBF_08 Datasheet
119Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
21-Jul-08
16CTU04S VISHAY-16CTU04S_08 Datasheet
125Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
08-Sep-08
70CRU04 VISHAY-70CRU04 Datasheet
115Kb / 6P
Ultrafast Rectifier, 2 x 35 A FRED PtTM
28-Jul-08
70CRU04PBF VISHAY-70CRU04PBF Datasheet
122Kb / 6P
Ultrafast Rectifier, 2 x 35 A FRED PtTM
21-Jul-08
30CPH03 VISHAY-30CPH03 Datasheet
114Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
30CPU04 VISHAY-30CPU04 Datasheet
120Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
30CPU04PBF VISHAY-30CPU04PBF Datasheet
122Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
21-Jul-08
MUR2020CT VISHAY-MUR2020CT Datasheet
112Kb / 7P
Ultrafast Rectifier, 2 x 10 A FRED PtTM
28-Jul-08
MUR2020CTPBF VISHAY-MUR2020CTPBF Datasheet
115Kb / 7P
Ultrafast Rectifier, 2 x 10 A FRED PtTM
18-Jul-08
MURB2020CTPBF VISHAY-MURB2020CTPBF Datasheet
121Kb / 7P
Ultrafast Rectifier, 2 x 10 A FRED PtTM
05-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com