Electronic Components Datasheet Search
  English  ▼

X  

MUR2020CT Datasheet (PDF) - Vishay Siliconix

MUR2020CT Datasheet PDF - Vishay Siliconix
Part # MUR2020CT
Download  MUR2020CT Download
File Size   112.72 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 2 x 10 A FRED PtTM

MUR2020CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR2020CT Datasheet PDF - Vishay Siliconix

Part # MUR2020CT
Download  MUR2020CT Click to download

File Size   112.72 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 2 x 10 A FRED PtTM

MUR2020CT Datasheet (HTML) - Vishay Siliconix


MUR2020CT Product details

DESCRIPTION/APPLICATIONS

VS-MUR2020CTPbF is the state of the art ultrafast recovery rectifier specifically designed with optimized performance of forward voltage drop and ultrafast recovery time. The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness and reliability characteristics.



FEATURES

• Ultrafast recovery time

• Low forward voltage drop

• 175 °C operating junction temperature

• Low leakage current

• Compliant to RoHS Directive 2002/95/EC

• Designed and qualified for industrial level




Similar Part No. - MUR2020CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR2020CT MCC-MUR2020CT Datasheet
644Kb / 2P
20 Amp Super Fast Glass Passivated Rectifier 100 to 200 Volts
logo
International Rectifier
MUR2020CT IRF-MUR2020CT Datasheet
174Kb / 8P
Ultrafast Rectifier
logo
Shanghai Lunsure Electr...
MUR2020CT CHENYI-MUR2020CT Datasheet
625Kb / 2P
20Amp super fast glass passivated rectifier 100to200volts
logo
Rugao Dachang Electroni...
MUR2020CT DACHANG-MUR2020CT Datasheet
138Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 20 A
logo
Thinki Semiconductor Co...
MUR2020CT THINKISEMI-MUR2020CT Datasheet
590Kb / 2P
Dual Common Anode Ultra Fast Recovery Diodes
More results


Similar Description - MUR2020CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16CTU04PBF VISHAY-16CTU04PBF_08 Datasheet
119Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
21-Jul-08
16CTU04S VISHAY-16CTU04S_08 Datasheet
125Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
08-Sep-08
70CRU04 VISHAY-70CRU04 Datasheet
115Kb / 6P
Ultrafast Rectifier, 2 x 35 A FRED PtTM
28-Jul-08
70CRU04PBF VISHAY-70CRU04PBF Datasheet
122Kb / 6P
Ultrafast Rectifier, 2 x 35 A FRED PtTM
21-Jul-08
30CPH03 VISHAY-30CPH03 Datasheet
114Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
30CPU04 VISHAY-30CPU04 Datasheet
120Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
30CPU04PBF VISHAY-30CPU04PBF Datasheet
122Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
21-Jul-08
MUR2020CTPBF VISHAY-MUR2020CTPBF Datasheet
115Kb / 7P
Ultrafast Rectifier, 2 x 10 A FRED PtTM
18-Jul-08
MURB2020CT VISHAY-MURB2020CT Datasheet
116Kb / 7P
Ultrafast Rectifier, 2 x 10 A FRED PtTM
28-Jul-08
MURB2020CTPBF VISHAY-MURB2020CTPBF Datasheet
121Kb / 7P
Ultrafast Rectifier, 2 x 10 A FRED PtTM
05-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com