Electronic Components Datasheet Search
  English  ▼

X  

UM90030 Datasheet (PDF) - Nexperia B.V. All rights reserved

UM90030 Datasheet PDF - Nexperia B.V. All rights reserved
Part # UM90030
Download  UM90030 Download
File Size   1871.08 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description load switch evaluation board

UM90030 Datasheet (PDF)

Go To PDF Page Download Datasheet
UM90030 Datasheet PDF - Nexperia B.V. All rights reserved

Part # UM90030
Download  UM90030 Click to download

File Size   1871.08 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description load switch evaluation board

UM90030 Datasheet (HTML) - Nexperia B.V. All rights reserved


UM90030 Product details

1.3. Features
• Input voltage can be supplied via the test points J1 (VIN), VIN can range from 2.5 V to 5.5 V.
• A test load can be connected to terminal TP5 (VOUT_sense) and any of the GND test points.
• Alternatively, there are GND test points at TP4, TP6, TP7, TP8, TP9, TP10, and TP11.
• Decoupling capacitors are connected to VIN at the input of the EVB and close to the load switch
IC. The same holds for the output.
• The enable pin (ON) has a smart pull-down resistor built in which disables the load switch if the
enable pin is not terminated. For an activated load switch, the pull-down resistor is decoupled.
This avoids current flowing through a pull-down that is not needed for the high state of the
control input.
• VIN_sense and VOUT_sense are used when accurate measurements of the input or output
are required. Make RON measurements using these sense connections when measuring the
voltage drop from VIN to VOUT.




Similar Part No. - UM90030

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
UM90016 NEXPERIA-UM90016 Datasheet
11Mb / 22P
NCA95xx GPIO expander EVB
Rev. 2.0 19 January 2024
UM90020 NEXPERIA-UM90020 Datasheet
399Kb / 11P
NEH2000BY PMIC evaluation boards user guide
Rev. 1.1 11 July 2023
UM90022 NEXPERIA-UM90022 Datasheet
2Mb / 21P
NBM5100; NBM7100 Evaluation board module
Rev. 1 11 July 2023
UM90023 NEXPERIA-UM90023 Datasheet
1Mb / 12P
NEVB-NPS4053 load switch evaluation board
Rev. 1.0 7 August 2023
UM90027 NEXPERIA-UM90027 Datasheet
1Mb / 14P
NEVB-NPS1000 load switch evaluation boar
Rev. 1.2 24 June 2024
More results


Similar Description - UM90030

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Microchip Technology
PS2070 MICROCHIP-PS2070 Datasheet
175Kb / 10P
Switch Mode Charger Evaluation Board
2005
KSZ9897 MICROCHIP-KSZ9897 Datasheet
37Kb / 1P
KSZ9897 Switch Evaluation Board with LAN7801 & KSZ9031
3/29/2017
logo
Monolithic Power System...
EV4816A-G-00A MPS-EV4816A-G-00A Datasheet
232Kb / 5P
180V, 16-Channel Analog Switch Evaluation Board
logo
Maxim Integrated Produc...
MAX77752 MAXIM-MAX77752 Datasheet
2Mb / 19P
On-Board Electronics Load Allows for Easy Evaluation
Rev 0; 10/17
logo
Microchip Technology
EVB-KSZ9477 MICROCHIP-EVB-KSZ9477 Datasheet
2Mb / 36P
Gigabit Ethernet Switch Evaluation Board
11/07/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com